Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G125 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC1G125
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G125 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC1G125_12 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G125_12 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74LVC1G125
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125
Document number: DS32202 Rev. 6 - 2
2 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Pin Descriptions
Pin Name
Description
OE
Output Enable
A
Data Input
GND
Ground
Y
Data Output
VCC
Supply Voltage
NC
No Connection
Logic Diagram
Function Table
Inputs
Output
OE
A
Y
L
H
H
L
L
L
H
X
Z
Absolute Maximum Ratings (Note 2)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
VO
Voltage applied to output in high impedance or IOFF state
-0.5 to 6.5
V
VO
Voltage applied to output in high or low state
-0.3 to VCC +0.5
V
IIK
Input Clamp Current VI<0
-50
mA
IOK
Output Clamp Current
-50
mA
IO
Continuous output current
±50
mA
ICC, IGND
Continuous current through Vcc or GND
±100
mA
TJ
Operating Junction Temperature
-40 to 150
°C
TSTG
Storage Temperature
-65 to 150
°C
Notes:
2. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device
operation should be within recommend values.
1
24
A
OE
Y


Similar Part No. - 74LVC1G125_12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G125 NXP-74LVC1G125_10 Datasheet
156Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 9-29 December 2010
74LVC1G125 PHILIPS-74LVC1G125_11 Datasheet
134Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 10-7 December 2011
More results

Similar Description - 74LVC1G125_12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126W5-7 DIODES-74LVC1G126W5-7 Datasheet
199Kb / 12P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com