Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMM-9SE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DEMM-9SE
Description  Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DEMM-9SE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DEMM-9SE Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet for part number DEMM9SE
Our Catalog Part Number: DEMM-9S-E
Our Global Manufacturing Part Number: 051529-0014
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
Product Datasheet
General
D*M High reliable D-Sub Connectors
Wire Gauge Range AWG
AWG 20-28
Mating Cycles
500
Contact Arrangement
9 contacts size 20
Dielectric Withstanding Voltage
1000 VAC at sea level
Current Rating
7.5 A max
Contact Resistance
7.5 milli Ohm max
Operating Temperature
-55°/+150°
Salt Spray Test
48 hours {96 Hrs for Stainless Steel}
Shell Material
steel
Shell Finish
Yellow chromate over zinc
Insulator Material
Thermoplastic, type PCT UL 94V-0
Insulator Color
black
Gender
Socket
Contact Type
Straight PCB
Contact Material
copper alloy
Contact Finish
gold over nickel (Performance Class 2)
Hardware
.120'' (3,05mm) Through Hole
Specifications and dimensions subject to change.
Page 1 of 1


Similar Part No. - DEMM-9SE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEMM2W2P ITT-DEMM2W2P Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DEMM2W2S ITT-DEMM2W2S Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DEMM2WK2P ITT-DEMM2WK2P Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DEMM2WK2S ITT-DEMM2WK2S Datasheet
5Mb / 62P
   Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DEMM5W1P ITT-DEMM5W1P Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DEMM-9SE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBM-25P ETC2-DBM-25P Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DCM-37P-P ETC2-DCM-37P-P Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
logo
ITT Industries
DBU-25P-K87-F0 ITT-DBU-25P-K87-F0 Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
logo
List of Unclassifed Man...
DCMM8W8PK87 ETC2-DCMM8W8PK87 Datasheet
34Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DAM11W1P ETC2-DAM11W1P Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBMC-13X3SJ-K126 ETC2-DBMC-13X3SJ-K126 Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
logo
ITT Industries
DAM11W1S ITT-DAM11W1S Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
logo
List of Unclassifed Man...
DCM17W5S ETC2-DCM17W5S Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCU-37P ETC2-DCU-37P Datasheet
35Kb / 1P
   Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
logo
ITT Industries
DBSFY-25P-A190-K87 ITT-DBSFY-25P-A190-K87 Datasheet
295Kb / 6P
   Cannon Speedy D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com