Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ2W18000L Datasheet(PDF) 2 Page - Panasonic Battery Group

Part No. DZ2W18000L
Description  DZ2W18000L Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ24180 in Mini2 type package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONICBATTERY [Panasonic Battery Group]
Homepage  http://www.panasonic.com/industrial/batteries-oem/
Logo 

   
 2 page
background image
Product Standards
Zener Diode
DZ2W18000L
Technical Data ( reference )
Page 2 of 4
PT - Ta
0
0.25
0.5
0.75
1
1.25
0
20
40
60
80 100 120 140 160 180 200
Ambient temperature Ta (°C)
Mounted on ceramics print board.
Board size : 50 mm × 50 mm × 0.8 mm
Solder in : 2 mm x 2 mm
IF - VF
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Forward voltage VF (V)
Ta = 25 °C
IR - VR
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
0369
12
15
Reverse voltage VR (V)
Ta = 25 °C
IZ - VZ
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
5
10
152025
3035
Zener voltage VZ (V)
Ta = 125 °C
25 °C
-40 °C
85 °C
SZ - IZ
0
5
10
15
20
25
02468
10
Zener current IZ (mA)
RZ - IZ
0.1
1
10
100
0.0001
0.001
0.01
0.1
Zener current IZ (A)
Ta = 25 °C
Doc No. TT4-EA-12914
Revision. 4
Established : 2010-12-28
Revised
: 2013-05-08




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl