Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DZ2W18000L Datasheet(PDF) 1 Page - Panasonic Battery Group

Part No. DZ2W18000L
Description  DZ2W18000L Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ24180 in Mini2 type package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONICBATTERY [Panasonic Battery Group]
Homepage  http://www.panasonic.com/industrial/batteries-oem/
Logo 

   
 1 page
background image
Product Standards
Zener Diode
DZ2W18000L
Absolute Maximum Ratings Ta = 25
C
Note: *1 Mounted on ceramics print circuit board.
Board size: 50 mm × 50 mm
Board thickness: 0.8 mm
Soldering size: 2 mm × 2 mm
*2 t = 0.1ms
*3 Test method:IEC61000_4_2(C = 150 pF,R = 330
, Contact discharge:10 times)
Electrical Characteristics Ta = 25
C  3 C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 Measuring methods for Diodes.
2. Absolute frequency of input and output is 5 MHz.
3. *1 The temperature must be controlled 25°C for VZ mesurement.
VZ value measured at other temperature must be adjusted to VZ (25°C)
*2 VZ guaranted 20 ms after current flow.
*3 Tj = 25°C to 150°C
Page
10
μA
kV
Electrostatic discharge
*3
IZ = 10 mA
Reverse current
V
Parameter
Forward current
IF
200
mA
Repetitive peak forward current
IFRM
500
mA
Temperature coefficient of zener voltage
*3
SZ
IZ = 10 mA
Zener voltage
*1, *2
VZ
IZ = 10 mA
Zener operating resistance
RZ
IR
VR = 13.0 V
Parameter
Symbol
Rating
Unit
Code
1. Cathode
Panasonic
Mini2-F3-B
JEITA
SC-109B
DZ2W18000L
Silicon epitaxial planar type
For constant voltage / For surge absorption circuit
DZ24180 in Mini2 type package
Features
Embossed type (Thermo-compression sealing) : 3
Low zener operating resistance Rz
Excellent rising characteristics of zener current Iz
Halogen-free / RoHS compliant
000 pcs / reel (standard)
(EU RoHS / UL-94 V-0 / MSL:Level 1 compliant)
Marking Symbol: YJ
Packaging
2. Anode
1of 4
Unit: mm
Min
Typ
W
Non-repetitive reverse power surge
*2
PZSM
100
W
1
Total power dissipation
*1
PT
Symbol
Conditions
Forward voltage
VF
IF = 200 mA
Unit
17.10 18.00
Max
18.90
1.2
Internal Connection
15.8
mV/°C
V
30
±30
Junction temperature
Tj
150
ESD
°C
Operating ambient temperature
Topr
-40 to +85
°C
+150
°C
Storage temperature
Tstg
-55 to
1
2
1.6
0.8
0.9
0.13
1
2
Doc No. TT4-EA-12914
Revision. 4
Established : 2010-12-28
Revised
: 2013-05-08




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl