Electronic Components Datasheet Search |
|
PCV1V270MCL1GS Datasheet(PDF) 1 Page - Nichicon corporation |
|
PCV1V270MCL1GS Datasheet(HTML) 1 Page - Nichicon corporation |
1 / 3 page CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS CV series Chip Type, High Voltage / Long Life Specifications Temperature Characteristics (Max.Impedance Ratio) Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Tangent of loss angle (tan δ) ESR (1) Leakage Current ( 2) Performance Characteristics Item – 55 to +105°C 16 to 125V 5.6 to 680µF ± 20% at 120Hz, 20°C Less than or equal to the specified value at 120Hz, 20°C Less than or equal to the specified value at 100kHz, 20°C Less than or equal to the specified value . After 2 minutes' application of rated voltage at 20°C Z+105°C / Z+20°C 1.25 (100kHz) Z – 55°C / Z+20°C 1.25 Endurance Damp Heat (Steady State) Resistance to Soldering Heat Marking The specifications listed at right shall be met when the capacitors are restored to 20°C after the rated voltage is applied for 3000 hours at 105°C. The specifications listed at right shall be met when the capacitors are restored to 20°C after the rated voltage is applied for 1000 hours at 60°C, 90% RH. After soldering the capacitor under the soldering conditions prescribed here, the capacitor shall meet the specifications listed at right, provided that it's temperature profile is measured at the capacitor top and the terminal. Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec. The duration for over +230°C temperature at capacitor surface shall not exceed 60 seconds. In the case of peak temp, less than 250°C, reflow soldering shall be two times maximum. In the case of peak temp, less than 260°C, reflow soldering shall be once. Measurement for solder temperature profile shall be made at the capacitor top and the terminal. Navy blue print on the case top Capacitance change tan δ Leakage current ( 2) ESR (1) Within ± 20% of the initial capacitance value ( 3) 150% or less than the initial specified value 150% or less than the initial specified value Less than or equal to the initial specified value Capacitance change tan δ Leakage current ( 2) ESR (1) Within ± 20% of the initial capacitance value ( 3) 150% or less than the initial specified value 150% or less than the initial specified value Less than or equal to the initial specified value Capacitance change tan δ Leakage current ( 2) ESR (1) Within ± 10% of the initial capacitance value ( 3) 130% or less than the initial specified value 130% or less than the initial specified value Less than or equal to the initial specified value High voltage (to 125V), Low ESR, High ripple current. Load life of 3000 hours at 105°C. SMD type : Lead free reflow soldering condition at 260°C peak correspondence. Compliant to the RoHS directive (2002/95/EC). 1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform. 2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120 minutes at 105°C. 3 Initial value : The value before test of examination of resistance to soldering. P 1 C 2 V 3 1 4 V 5 8 6 2 7 0 8 M 9 C 10 L 11 1 12 G 13 S 14 Configuration Taping code Size code Capacitance toleranc ( ±20%) Rated capacitance (82 µF) Rated voltage (35V) Series name Type H 0.3 MAX. C ±0.2 L Series Voltage (V:35V) Plastic platform Lot No. Capacitance Negative Positive +0.1 -0.4 Dimensions Type numbering system (Example : 35V 82µF) Dimension table in next page. CV High Temperature φD L A B C E H 6.3 5.9 7.3 6.6 6.6 2.1 0.5 to 0.8 Size φ6.3 × 6L 8.0 6.9 9.0 8.3 8.3 3.2 0.8 to 1.1 φ8 × 7L 8.0 9.9 9.0 8.3 8.3 3.2 0.8 to 1.1 φ8 × 10L 8.0 11.9 9.0 8.3 8.3 3.2 0.8 to 1.1 φ8 × 12L 10.0 7.9 11.0 10.3 10.3 4.6 0.8 to 1.1 φ10 × 8L 10.0 9.9 11.0 10.3 10.3 4.6 0.8 to 1.1 φ10 × 10L 10.0 12.6 11.0 10.3 10.3 4.6 0.8 to 1.1 φ10×12.7L (mm) Code C V 16 D 20 E 25 V 35 H 50 J 63 K 80 2A 100 2B 125 Voltage CX CAT.8100B |
Similar Part No. - PCV1V270MCL1GS |
|
Similar Description - PCV1V270MCL1GS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |