Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL-D324 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # XAL-D324
Description  Contact functions and light functions with integral LED
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XAL-D324 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button XAL-D324 Datasheet HTML 5Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 6Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 7Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 8Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 9Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 10Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 11Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 12Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Other versions: please consult your Schneider Electric agency.
=
+
=
+
Harmony
XB4
Pushbuttons, switches and pilot lights Ø 22
with metal bezel
Light functions
Pilot lights
Type of head
Circular bezel
Smooth lens cap
Degree of protection
IP 66 / Nema 4X, 13 / Class I
Mounting (mm)
panel cut-out
Ø 22.5 (22.4
recommended)
mounting centres
30 (horizontal) x 40 (vertical)
Depth
below head
43
Connection (1)
Screw clamp terminals
Light source
Integral LED
Direct supply for BA 9s bulb (not included)
Products
Complete
Complete
For user assembly
Supply voltage
24 V AC/DC
48…120 V AC
230…240 V AC
250 V max., 2.4 W max.
References
white
XB4 BVB1
XB4 BVG1
XB4 BVM1
XB4 BV61
ZB4 BV6
ZB4 BV01
green
XB4 BVB3
XB4 BVG3
XB4 BVM3
XB4 BV63
ZB4 BV6
ZB4 BV03
red
XB4 BVB4
XB4 BVG4
XB4 BVM4
XB4 BV64
ZB4 BV6
ZB4 BV04
yellow
XB4 BVB5
XB4 BVG5
XB4 BVM5
XB4 BV65
ZB4 BV6
ZB4 BV05
blue
XB4 BVB6
XB4 BVG6
XB4 BVM6
––
+ 0.4
0
Illuminated pushbuttons and selector switches
Type
Flush push, spring return, illuminated pushbuttons
Light source
Integral LED
Direct supply for BA 9s bulb (not included)
Products
Complete
Complete
For user assembly
Supply voltage
24 V AC/DC
48…120 V AC
230…240 V AC
250 V max., 2.4 W max.
References
white
N/C + N/O
XB4 BW31B5
XB4 BW31G5
XB4 BW31M5
XB4 BW3165
ZB4 BW065
ZB4 BW31
green
N/C + N/O
XB4 BW33B5
XB4 BW33G5
XB4 BW33M5
XB4 BW3365
ZB4 BW065
ZB4 BW33
red
N/C + N/O
XB4 BW34B5
XB4 BW34G5
XB4 BW34M5
XB4 BW3465
ZB4 BW065
ZB4 BW34
yellow
N/C + N/O
XB4 BW35B5
XB4 BW35G5
XB4 BW35M5
XB4 BW3565
ZB4 BW065
ZB4 BW35
blue
N/C + N/O
XB4 BW36B5
XB4 BW36G5
XB4 BW36M5
––
Type
Double-headed pushbuttons with LED pilot light
Illuminated selector switches
(1 flush green push, 1 projecting red push)
(2 position stay put)
Degree of protection
IP 40
IP 65
Light source
Integral LED
Integral LED
Products
Complete
Complete
Supply voltage
24 V AC/DC
48…120 V AC
230…240 V AC
24 V AC/DC
48…120 V AC
230…240 V AC
References
green
N/C + N/O
XB4 BK123B5
XB4 BK123G5
XB4 BK123M5
red
N/C + N/O
XB4 BK124B5
XB4 BK124G5
XB4 BK124M5
yellow
N/C + N/O
XB4 BW84B5
XB4 BW84G5
XB4 BW84M5
XB4 BK125B5
XB4 BK125G5
XB4 BK125M5
(1) Alternative connections: plug-in connector, Faston connectors (6.35 and 2 x 2.8).
2/8
2
1
3
4
5
6
7
8
9
10


Similar Part No. - XAL-D324

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
   Explosion-Proof Pull Station
logo
List of Unclassifed Man...
XAL-T011A ETC2-XAL-T011A Datasheet
118Kb / 2P
   Array Device Aligning and Laser Welding System
More results

Similar Description - XAL-D324

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SVS09 ETAL-SVS09 Datasheet
727Kb / 8P
   integral distribution, protection and signalling functions
logo
List of Unclassifed Man...
M80156 ETC1-M80156 Datasheet
143Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
M8077 ETC1-M8077 Datasheet
153Kb / 3P
   8 FUNCTIONS WITH MELODY XMAS LIGHT CONTROL
logo
Everlight Electronics C...
CRANE-FUN-P10-CW-SD-PW-CH EVERLIGHT-CRANE-FUN-P10-CW-SD-PW-CH Datasheet
381Kb / 6P
   Multi-functions: Reading light, night light, and clock modes.
logo
MOSDESIGN SEMICONDUCTOR...
M80156 MOSDESIGN-M80156 Datasheet
238Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
Unisonic Technologies
8156 UTC-8156 Datasheet
42Kb / 5P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
List of Unclassifed Man...
M80056B ETC1-M80056B Datasheet
120Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
M80056B-1 ETC1-M80056B-1 Datasheet
124Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M80056B-1 MOSDESIGN-M80056B-1 Datasheet
164Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
Hynix Semiconductor
HMS91C7432 HYNIX-HMS91C7432 Datasheet
195Kb / 24P
   HMS91C7432 features and functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com