Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAL-D324 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # XAL-D324
Description  Contact functions and light functions with integral LED
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XAL-D324 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button XAL-D324 Datasheet HTML 12Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 13Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 14Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 15Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 16Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 17Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 18Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 19Page - List of Unclassifed Manufacturers XAL-D324 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Other versions: please consult your Schneider Electric agency.
Illuminated pushbuttons
Type of head
Projecting push
circular
Degree of protection
IP 54, class II
Mounting (mm)
panel cut-out
Ø 22.4 (0 +0.1)
mounting centres
30 (horizontal) x 40 (vertical)
Dimensions (mm)
Ø x Depth (below head)
Ø 29 x 41.5, (Ø 40 x 41.5 for Emergency stop)
Connection (2)
Screw clamp terminals, 1 x 0.34 mm2 to 1 x 1.5 mm2
Type of push
Spring return
Light source
Integral LED
Incandescent bulb
direct supply (bulb not included)
Supply voltage
24 V DC or 230 V AC
6 or 24 V DC, or 130 V AC
References (10)*
green
N/O
XB7 EW33
p1P (1)
XB7 EW3361P
red
N/O
XB7 EW34
p1P (1)
XB7 EW3461P
N/C
XB7 EW34
p2P (1)
yellow
N/O
XB7 EW35
p1P (1)
XB7 EW3561P
Type of push
Push and push-to-release
Light source
Integral LED
Incandescent bulb
direct supply (bulb not included)
Supply voltage
24 V DC or 230 V AC
6 or 24 V DC, or 130 V AC
References (10)*
green
N/O
XB7 EH03
p1P (1)
XB7 EH0361P
red
N/O
XB7 EH04
p1P (1)
XB7 EH0461P
N/C
XB7 EH04
p2P (1)
yellow
N/O
XB7 EH05
p1P (1)
XB7 EH0561P
Pilot lights
Light source
Integral LED
Incandescent bulb
Incandescent bulb
direct supply
direct through resistor
(bulb not included)
(bulb included)
Supply voltage
24VAC/DC or 120VAC or 230…240VAC
6 or 24 V DC, or 130 V AC
230 V AC
References (10)*
white
XB7 EV01
pP (1)
XB7 EV61P
XB7 EV71P
green
XB7 EV03
pP (1)
XB7 EV63P
XB7 EV73P
red
XB7 EV04
pP (1)
XB7 EV64P
XB7 EV74P
yellow
XB7 EV05
pP (1)
XB7 EV65P
XB7 EV75P
blue
XB7 EV06
pP (1)
XB7 EV66P
XB7 EV76P
orange
XB7 EV08
pP (1)
XB7 EV68P
XB7 EV78P
Incandescent bulbs, long life
BA 9s base fitting, Ø 11 mm max., length 28 mm max.
6 V (1.2 W)
24 V (2 W)
130 V (2.4 W)
References
DL1 CB006
DL1 CE024
DL1 CE130
(1) Basic reference, to be completed by the letter B, G or M indicating the required voltage. See voltage table above.
(2) Alternative connection: 1 x 6.35 and 2 x 2.8 mm Faston connectors.
* sold in lots of 10
Contact functions and light functions
(1):
Voltage
Letter (
p)
24 V AC/DC
B
120 V AC
G
230 V AC
M
2/15
2
1
3
4
5
6
7
8
9
10


Similar Part No. - XAL-D324

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
   Explosion-Proof Pull Station
logo
List of Unclassifed Man...
XAL-T011A ETC2-XAL-T011A Datasheet
118Kb / 2P
   Array Device Aligning and Laser Welding System
More results

Similar Description - XAL-D324

ManufacturerPart #DatasheetDescription
logo
ETAL Group
SVS09 ETAL-SVS09 Datasheet
727Kb / 8P
   integral distribution, protection and signalling functions
logo
List of Unclassifed Man...
M80156 ETC1-M80156 Datasheet
143Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
M8077 ETC1-M8077 Datasheet
153Kb / 3P
   8 FUNCTIONS WITH MELODY XMAS LIGHT CONTROL
logo
Everlight Electronics C...
CRANE-FUN-P10-CW-SD-PW-CH EVERLIGHT-CRANE-FUN-P10-CW-SD-PW-CH Datasheet
381Kb / 6P
   Multi-functions: Reading light, night light, and clock modes.
logo
MOSDESIGN SEMICONDUCTOR...
M80156 MOSDESIGN-M80156 Datasheet
238Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
Unisonic Technologies
8156 UTC-8156 Datasheet
42Kb / 5P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
List of Unclassifed Man...
M80056B ETC1-M80056B Datasheet
120Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
M80056B-1 ETC1-M80056B-1 Datasheet
124Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M80056B-1 MOSDESIGN-M80056B-1 Datasheet
164Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
Hynix Semiconductor
HMS91C7432 HYNIX-HMS91C7432 Datasheet
195Kb / 24P
   HMS91C7432 features and functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com