Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA3S101F0L Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # DA3S101F0L
Description  Silicon epitaxial planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DA3S101F0L Datasheet(HTML) 4 Page - Panasonic Battery Group

  DA3S101F0L Datasheet HTML 1Page - Panasonic Battery Group DA3S101F0L Datasheet HTML 2Page - Panasonic Battery Group DA3S101F0L Datasheet HTML 3Page - Panasonic Battery Group DA3S101F0L Datasheet HTML 4Page - Panasonic Battery Group DA3S101F0L Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product Standards
Switching Diode
DA3S101F0L
Unit: mm
Page
SSMini3-F3-B
4
of
4
Land Pattern (Reference) (Unit: mm)
0.26
+0.05
-0.02
0.13
+0.05
-0.02
1.00±0.05
1.60
+0.05
-0.03
(0.5) (0.5)
(5°)
12
3
0.6
1.0
Doc No. TT4-EA-11784
Revision. 3
Established : 2009-11-09
Revised
: 2013-06-06


Similar Part No. - DA3S101F0L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DA3S101A0L PANASONIC-DA3S101A0L Datasheet
316Kb / 5P
   Silicon epitaxial planar type
DA3S101K0L PANASONIC-DA3S101K0L Datasheet
317Kb / 5P
   Silicon epitaxial planar type
More results

Similar Description - DA3S101F0L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com