Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR3032-F2N Datasheet(PDF) 14 Page - Panasonic Battery Group

Part # CR3032-F2N
Description  ENERGY CATALOG
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

CR3032-F2N Datasheet(HTML) 14 Page - Panasonic Battery Group

Back Button CR3032-F2N Datasheet HTML 8Page - Panasonic Battery Group CR3032-F2N Datasheet HTML 9Page - Panasonic Battery Group CR3032-F2N Datasheet HTML 10Page - Panasonic Battery Group CR3032-F2N Datasheet HTML 11Page - Panasonic Battery Group CR3032-F2N Datasheet HTML 12Page - Panasonic Battery Group CR3032-F2N Datasheet HTML 13Page - Panasonic Battery Group CR3032-F2N Datasheet HTML 14Page - Panasonic Battery Group CR3032-F2N Datasheet HTML 15Page - Panasonic Battery Group CR3032-F2N Datasheet HTML 16Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
INDUSTRIAL
ALKALINE
BA TTERIES
12
Alkaline Batteries
Model Number
Size
V
Diameter
Height
Avg. Wt.
Inch (mm)
Inch (mm)
oz (g)
LR20XWA
D
1.5
1.312 (33.3)
2.407 (60.5)
4.97 (141.0)
LR14XWA
C
1.5
1.004 (25.5)
1.969 (49.5)
2.47 (70.0)
LR6XWA
AA
1.5
.571 (14.50)
1.988 (50.0)
0.80 (23.0)
LR03XWA
AAA
1.5
.413 (10.20)
1.752 (44.10)
0.38 (11.0)
FEATURES
• Heavy current and continuous drain
• Operates reliably in temperature range
of -20°C to 54°C (40°F to 130°F)
• Individual date coded to guarantee
freshness prior to use
• Up to 7 year shelf life when stored at
25°C/77°F 80% capacity (except 9V
which are 5 year shelf life)
• EU compliant dustbin symbol
• Easier cross-referencing with IEC
battery codes
APPLICATIONS
• Portable stereos
• Radio-cassette recorders
• Strobes
• Cameras
• Electronic calculators
• Electric shavers
• High-powered flashlights
• Electric doorlocks
• Emergency lighting
• Toys and other cordless products
• Transportation
• Security
• Contractors
•HVAC
GENERAL DESCRIPTION
Panasonic Industrial brand Alkalines are
designed with a power reservoir that
enables them to last longer. High current
and large capacity are standard, which
means high performance for our cus-
tomers. Panasonic Industrial Alkaline bat-
teries are made in the USA at our state-
of-the-art manufacturing facility in
Columbus, Georgia.
Model Number
V
L Inch (mm)
W Inch (mm)
D Inch (mm)
Avg. Wt. oz (g)
6LR61XWA (9V)
9
1.0 (47.5)
1.0 (25.50)
0.649 (17.50)
1.60 (45)
228707_hlw_7.qxd:SHORTFORM body revise 11/04
2/11/11
2:40 PM
Page 12


Similar Part No. - CR3032-F2N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CR3032 PANASONIC-CR3032 Datasheet
185Kb / 6P
   Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
logo
Panasonic Battery Group
CR3032 PANASONICBATTERY-CR3032 Datasheet
31Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Semiconductor
CR3032 PANASONIC-CR3032 Datasheet
104Kb / 4P
   INDUSTRIAL SOLUTIONS
logo
Panasonic Battery Group
CR3032 PANASONICBATTERY-CR3032 Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
More results

Similar Description - CR3032-F2N

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com