Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR1220-BN Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # CR1220-BN
Description  LITHIUM - Coin Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

CR1220-BN Datasheet(HTML) 3 Page - Panasonic Battery Group

  CR1220-BN Datasheet HTML 1Page - Panasonic Battery Group CR1220-BN Datasheet HTML 2Page - Panasonic Battery Group CR1220-BN Datasheet HTML 3Page - Panasonic Battery Group CR1220-BN Datasheet HTML 4Page - Panasonic Battery Group CR1220-BN Datasheet HTML 5Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AUGUST 2005
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
CR1216
Duration(h)
Load
Load:
Cut-off Voltage: 2.0V
2
1
0.5
0.3
0.2
0.1
0.05
0.03
12
3
4
6
10
20
30 40
60
100
30
25
20
15
10
5
(k
Ω)
(mA)
20˚C
Load:
2
1
0.5
0.3
0.2
0.1
0.05
0.03
12
3
4
6
10
20
40
60
100
30
3.2
3.0
2.8
2.6
2.4
2.2
(k
Ω)
(mA)
20˚C
~
~
■ Capacity vs. load resistance
■ Dimensions(mm)
■ Specification
■ Temperature Characteristics
■ Operating voltage vs. load resistance (voltage at 50% discharge depth)
Weight:0.7g
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
25
0.1
-30 ~ +60
CR1025
Duration(h)
Load
Load:
2
1
0.5
0.3
0.2
0.1
0.05
0.03
12
3
4
6
10
30
20
100
3.2
3.0
2.8
2.6
2.4
2.2
(k
Ω)
(mA)
20˚C
~
~
Load:
Cut-off Voltage: 2.0V
2
1
0.5
0.3
0.2
0.1
0.05
0.03
12
3
4
6
10
20
30 40
60
100
40
30
20
10
0
(k
Ω)
(mA)
20˚C
■ Dimensions(mm)
Weight:0.7g
■ Specification
■ Temperature Characteristics
■ Operating voltage vs. load resistance (voltage at 50% discharge depth)
■ Capacity vs. load resistance
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
30
0.1
-30 ~ +60
Manganese Dioxide Lithium Coin Batteries: Individual Specifications


Similar Part No. - CR1220-BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR1220 ETC-CR1220 Datasheet
295Kb / 1P
   ECR1220 Button Cell Battery
logo
Energizer
CR1220 ENERGIZER-CR1220 Datasheet
57Kb / 1P
   3.0 Volts 0.76 grams (0.03 oz.) 0.25 cubic centimeters (0.02 cubic inch)
logo
Panasonic Semiconductor
CR1220 PANASONIC-CR1220 Datasheet
185Kb / 6P
   Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
logo
Dubilier
CR1220 DUBILIER-CR1220 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
CR1220 DUBILIER-CR1220 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
More results

Similar Description - CR1220-BN

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
CR2477 PANASONICBATTERY-CR2477 Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
logo
Sanyo Semicon Device
ML614 SANYO-ML614 Datasheet
11Kb / 1P
   Coin Type Rechargeable Lithium Battery
logo
List of Unclassifed Man...
CR2032H ETC1-CR2032H Datasheet
495Kb / 1P
   Coin Type Lithium Manganese Dioxide Battery
logo
Dubilier
CR1216 DUBILIER-CR1216 Datasheet
67Kb / 1P
   LITHIUM COIN CELL
CR123A DUBILIER-CR123A Datasheet
67Kb / 1P
   LITHIUM COIN CELL
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
   Manganese Lithium Coin Batteries
CTL621F PANASONICBATTERY-CTL621F Datasheet
435Kb / 2P
   Coin-type Cobalt Titanium Rechargeable Lithium Batteries
logo
Sanyo Semicon Device
CR2430 SANYO-CR2430 Datasheet
10Kb / 1P
   Coin Type Crimp-sealed Primary Lithium Battery
logo
Panasonic Battery Group
ML2020 PANASONICBATTERY-ML2020 Datasheet
25Kb / 1P
   Manganese Lithium Coin Batteries
ML421 PANASONICBATTERY-ML421 Datasheet
30Kb / 1P
   Manganese Lithium Coin Batteries
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com