Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN78L12ME1 Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # AN78L12ME1
Description  3-pin positive output voltage regulator (100 mA type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

AN78L12ME1 Datasheet(HTML) 3 Page - Panasonic Battery Group

  AN78L12ME1 Datasheet HTML 1Page - Panasonic Battery Group AN78L12ME1 Datasheet HTML 2Page - Panasonic Battery Group AN78L12ME1 Datasheet HTML 3Page - Panasonic Battery Group AN78L12ME1 Datasheet HTML 4Page - Panasonic Battery Group AN78L12ME1 Datasheet HTML 5Page - Panasonic Battery Group AN78L12ME1 Datasheet HTML 6Page - Panasonic Battery Group AN78L12ME1 Datasheet HTML 7Page - Panasonic Battery Group AN78L12ME1 Datasheet HTML 8Page - Panasonic Battery Group AN78L12ME1 Datasheet HTML 9Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AN78L12M
3
SFF00111BEB
AN78L12M
3-pin positive output voltage regulator (100 mA type)
Overview
The AN78LxxM series are 3-pin, fixed positive output type monolithic voltage regulators.
Stabilized fixed output voltage is obtained from unstable DC input voltage without using any external components.
12 types of fixed output voltage are available; 4 V, 5 V, 6 V, 7 V, 8 V, 9 V, 10 V, 12 V, 15 V, 18 V, 20 V and 24 V.
They can be used widely in power circuits with current capacity of up to 100 mA.
The AN78L12M is the 12 V output voltage type in these series.
Features
No external components
Output voltage: 12 V
Built-in overcurrent limit circuit
Built-in thermal overload protection circuit
Applications
3-pin positive output voltage regulator (100 mA type)
Package
3-pin plastic single inline package with heat sink (SIP type)
Type
Silicon monolithic bipolar IC


Similar Part No. - AN78L12ME1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L12M PANASONIC-AN78L12M Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
More results

Similar Description - AN78L12ME1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
AN77L03 PANASONIC-AN77L03 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com