Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5233YM5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5233YM5
Description  High Input Voltage Low IQ 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5233YM5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5233YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5233YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5233YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5233YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5233YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5233YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5233YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5233YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5233YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5233
July 2012
2
M9999-071212-B
Ordering Information
Part Number
Marking
Voltage
Junction Temperature Range
(1)
Package
MIC5233-1.8YM5
L318
1.8V
−40°C to +125°C
SOT-23-5
MIC5233-2.5YM5
L325
2.5V
−40°C to +125°C
SOT-23-5
MIC5233-3.0YM5
L330
3.0V
−40°C to +125°C
SOT-23-5
MIC5233-3.3YM5
L333
3.3V
−40°C to +125°C
SOT-23-5
MIC5233-5.0YM5
L350
5.0V
−40°C to +125°C
SOT-23-5
MIC5233YM5
L3AA
Adjustable
−40°C to +125°C
SOT-23-5
MIC5233-3.3YS
33YS
3.3V
−40°C to +125°C
SOT-223
Note:
1.
Other voltages available. Contact Micrel for details.
Pin Configuration
5-Pin SOT-23 (M5)
3-Pin SOT-223 (S)
Pin Description
Pin Number
SOT-223
Pin Number
SOT-23
Pin Name
Pin Function
1
1
IN
Supply Input.
2
2
GND
Ground.
3
EN
Enable (Input). Logic LOW = shutdown; logic HIGH = enable.
NC
No Connect.
4
ADJ
Adjustable (Input). Feedback input; connect to resistive voltage-divider network.
3
5
OUT
Regulator Output.
TAB
GND
Ground.


Similar Part No. - MIC5233YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233YM5 MICREL-MIC5233YM5 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
logo
Microchip Technology
MIC5233YM5-TR MICROCHIP-MIC5233YM5-TR Datasheet
1Mb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
More results

Similar Description - MIC5233YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
   High Input Voltage, Low IQ uCap LDO Regulator
logo
Microchip Technology
MIC5233 MICROCHIP-MIC5233 Datasheet
1Mb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
MIC3490 MICROCHIP-MIC3490 Datasheet
942Kb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision A February 2019
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com