Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MAI Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # KS8995MAI
Description  Integrated 5-Port 10/100 Managed Switch
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MAI Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button KS8995MAI Datasheet HTML 20Page - Micrel Semiconductor KS8995MAI Datasheet HTML 21Page - Micrel Semiconductor KS8995MAI Datasheet HTML 22Page - Micrel Semiconductor KS8995MAI Datasheet HTML 23Page - Micrel Semiconductor KS8995MAI Datasheet HTML 24Page - Micrel Semiconductor KS8995MAI Datasheet HTML 25Page - Micrel Semiconductor KS8995MAI Datasheet HTML 26Page - Micrel Semiconductor KS8995MAI Datasheet HTML 27Page - Micrel Semiconductor KS8995MAI Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
Micrel, Inc.
KS8995MA/FQ
October 2011
24
M9999-102611-3.0
Pin Description
− By Name
Pin Number
Pin Name
Type
(1)
Port
Pin Function
110
SPIC/SCL
I/O
All
(1) Input clock up to 5MHz in SPI slave mode; (2) output clock at 61kHz in I2C master
mode. See “Pin 113.”
111
SSPID/SDA
I/O
All
(1) Serial data input in SPI slave mode; (2) serial data input/output in I2C master
mode. See “Pin 113.”
109
SPIQ
Otri
All
(1) SPI serial data output in SPI slave mode; (2) output clock at 61kHz in I2C master
mode. See “Pin 113.”
112
SPIS_N
Ipu
All
Active low. (1) SPI data transfer start in SPI slave mode. When SPIS_N is high, the
KS8995MA/FQ is deselected and SPIQ is held in high impedance state, a high-to-low
transition to initiate the SPI data transfer; (2) not used in I2C master mode.
128
TEST2
NC
NC for normal operation. Factory test pin.
118
TESTEN
Ipd
NC for normal operation. Factory test pin.
8
TXM1
O
1
Physical transmit signal – (differential).
14
TXM2
O
2
Physical transmit signal – (differential).
23
TXM3
O
3
Physical transmit signal – (differential).
29
TXM4
O
4
Physical transmit signal – (differential).
36
TXM5
O
5
Physical transmit signal – (differential).
7
TXP1
O
1
Physical transmit signal + (differential).
13
TXP2
O
2
Physical transmit signal + (differential).
22
TXP3
O
3
Physical transmit signal + (differential).
28
TXP4
O
4
Physical transmit signal + (differential).
35
TXP5
O
5
Physical transmit signal + (differential).
123
VDDAP
P
1.8V analog VDD for PLL.
41
VDDAR
P
1.8V analog VDD.
43
VDDAR
P
1.8V analog VDD.
3
VDDAR
P
1.8V analog VDD.
15
VDDAR
P
1.8V analog VDD.
31
VDDAR
P
1.8V analog VDD.
125
VDDAR
P
1.8V analog VDD.
18
VDDAT
P
3.3V analog VDD.
9
VDDAT
P
3.3V analog VDD.
24
VDDAT
P
3.3V analog VDD.
37
VDDAT
P
3.3V analog VDD.
50
VDDC
P
1.8V digital core VDD.
Note:
1.
P = Power supply.
I = Input.
O = Output.
I/O = Bidirectional.
GND = Ground.
Ipu = Input w/internal pull-up.
Ipd = Input w/internal pull-down.
Ipd/O = Input w/internal pull-down during reset, output pin otherwise.
Ipu/O = Input w/internal pull-up during reset, output pin otherwise.
Otri = Output tristated.
NC = No connect.


Similar Part No. - KS8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MAI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com