Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8995MA Datasheet(PDF) 46 Page - Micrel Semiconductor

Part # KS8995MA
Description  Integrated 5-Port 10/100 Managed Switch
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8995MA Datasheet(HTML) 46 Page - Micrel Semiconductor

Back Button KS8995MA Datasheet HTML 42Page - Micrel Semiconductor KS8995MA Datasheet HTML 43Page - Micrel Semiconductor KS8995MA Datasheet HTML 44Page - Micrel Semiconductor KS8995MA Datasheet HTML 45Page - Micrel Semiconductor KS8995MA Datasheet HTML 46Page - Micrel Semiconductor KS8995MA Datasheet HTML 47Page - Micrel Semiconductor KS8995MA Datasheet HTML 48Page - Micrel Semiconductor KS8995MA Datasheet HTML 49Page - Micrel Semiconductor KS8995MA Datasheet HTML 50Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
Micrel, Inc.
KS8995MA/FQ
October 2011
46
M9999-102611-3.0
Register Description
Offset
Description
Decimal
Hex
0
− 1
0x00-0x01
Chip ID Registers
2
− 11
0x02-0x0B
Global Control Registers
12
− 15
0x0C-0x0F
Reserved
16
− 29
0x10-0x1D
Port 1 Control Registers
30
− 31
0x1E-0x2F
Port 1 Status Registers
32
− 45
0x20-0x2D
Port 2 Control Registers
46
− 47
0x2E-0x2F
Port 2 Status Registers
48
− 61
0x30-0x3D
Port 3 Control Registers
62
− 63
0x3E-0x3F
Port 3 Status Registers
64
− 77
0x40-0x4D
Port 4 Control Registers
78
− 79
0x4E-0x4F
Port 4 Status Registers
80
− 93
0x50-0x5D
Port 5 Control Registers
94
− 95
0x5E-0x5F
Port 5 Status Registers
96
− 103
0x60-0x67
TOS Priority Control Registers
104
− 109
0x68-0x6D
MAC Address Registers
110
− 111
0x6E-0x6F
Indirect Access Control Registers
112
− 120
0x70-0x78
Indirect Data Registers
121
− 122
0x79-0x7A
Digital Testing Status Registers
123
− 124
0x7B-0x7C
Digital Testing Control Registers
125
− 126
0x7D-0x7E
Analog Testing Control Registers
127
0x7F
Analog Testing Status Register


Similar Part No. - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KS8995MAI MICREL-KS8995MAI Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
More results

Similar Description - KS8995MA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
   Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
   Integrated 5-Port 10/100 Managed Switch
KS8995MA MICREL-KS8995MA_11 Datasheet
624Kb / 79P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLU MICREL-KSZ8895MLU_11 Datasheet
1Mb / 110P
   Integrated 5-Port 10/100 Managed Switch
KSZ8895MLUB MICREL-KSZ8895MLUB Datasheet
1Mb / 120P
   Integrated 5-Port 10/100 Managed Switch
KS8993M MICREL-KS8993M Datasheet
1Mb / 85P
   Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
   Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
KSZ8863RLLI MICREL-KSZ8863RLLI Datasheet
1Mb / 107P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com