Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1410EUA Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1410EUA
Description  0.5A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1410EUA Datasheet(HTML) 3 Page - Microchip Technology

  TC1410EUA Datasheet HTML 1Page - Microchip Technology TC1410EUA Datasheet HTML 2Page - Microchip Technology TC1410EUA Datasheet HTML 3Page - Microchip Technology TC1410EUA Datasheet HTML 4Page - Microchip Technology TC1410EUA Datasheet HTML 5Page - Microchip Technology TC1410EUA Datasheet HTML 6Page - Microchip Technology TC1410EUA Datasheet HTML 7Page - Microchip Technology TC1410EUA Datasheet HTML 8Page - Microchip Technology TC1410EUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21389D-page 3
TC1410/TC1410N
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage ..................................................... +20V
Input Voltage ...................... VDD + 0.3V to GND – 5.0V
Power Dissipation (TA 70°C)
MSOP .......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Storage Temperature Range .............. -65°C to +150°C
Maximum Junction Temperature ...................... +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
PIN FUNCTION TABLE
Symbol
Description
VDD
Supply input, 4.5V to 16V
INPUT
Control input
NC
No connection
GND
Ground
GND
Ground
OUTPUT
CMOS push-pull output,
common to pin 7
OUTPUT
CMOS push-pull output,
common to pin 6
VDD
Supply input, 4.5V to 16V
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
V
DD16V.
Typical values are measured at TA = +25°C, VDD= 16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.0
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1
1
µA
0V
V
INVDD, TA = +25°C
-10
10
-40°C
T
A+85°C
Output
High Output Voltage
VOH
VDD – 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance
RO
—16
22
VDD = 16V, IO = 10 mA, TA = +25°C
—20
28
0°C
T
A+70°C
—20
28
-40°C
T
A+85°C
Peak Output Current
IPK
—0.5
A
VDD = 16V
Latch-Up Protection
Withstand Reverse Current
IREV
0.5
A
Duty cycle
2%, t 300 µsec,
VDD = 16V
Switching Time (Note 1)
Rise Time
tR
—25
35
nsec
TA = +25°C
—27
40
0°C
T
A+70°C
—29
40
-40°C
T
A+85°C, Figure 4-1
Fall Time
tF
—25
35
nsec
TA = +25°C
—27
40
0°C
T
A+70°C
—29
40
-40°C
T
A+85°C, Figure 4-1
Delay Time
tD1
—30
40
nsec
TA = +25°C
—33
45
0°C
T
A+70°C
—35
45
-40°C
T
A+85°C, Figure 4-1
Note 1:
Switching times ensured by design.


Similar Part No. - TC1410EUA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1410EOA TELCOM-TC1410EOA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
TC1410EPA TELCOM-TC1410EPA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
More results

Similar Description - TC1410EUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
logo
TelCom Semiconductor, I...
TC1410 TELCOM-TC1410 Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1410 MICROCHIP-TC1410_13 Datasheet
734Kb / 26P
   0.5A High-Speed MOSFET Drivers
11/29/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com