Electronic Components Datasheet Search |
|
PIC16C73B Datasheet(PDF) 1 Page - Microchip Technology |
|
PIC16C73B Datasheet(HTML) 1 Page - Microchip Technology |
1 / 186 page 1998-2013 Microchip Technology Inc. DS30605D-page 1 PIC16C63A/65B/73B/74B Devices included in this data sheet: PIC16CXX Microcontroller Core Features: • High performance RISC CPU • Only 35 single word instructions to learn • All single cycle instructions except for program branches which are two cycle • Operating speed: DC - 20 MHz clock input DC - 200 ns instruction cycle • 4 K x 14 words of Program Memory, 192 x 8 bytes of Data Memory (RAM) • Interrupt capability • Eight-level deep hardware stack • Direct, indirect and relative addressing modes • Power-on Reset (POR) • Power-up Timer (PWRT) and Oscillator Start-up Timer (OST) • Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation • Programmable code protection • Power-saving SLEEP mode • Selectable oscillator options • Low power, high speed CMOS EPROM technology • Wide operating voltage range: 2.5V to 5.5V • High Sink/Source Current 25/25 mA • Commercial, Industrial and Automotive temperature ranges • Low power consumption: - < 5 mA @ 5V, 4 MHz -23 A typical @ 3V, 32 kHz -< 1.2 A typical standby current PIC16C7X Peripheral Features: • Timer0: 8-bit timer/counter with 8-bit prescaler • Timer1: 16-bit timer/counter with prescaler can be incremented during SLEEP via external crystal/clock • Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler • Capture, Compare, PWM modules - Capture is 16-bit, max. resolution is 200 ns - Compare is 16-bit, max. resolution is 200 ns - PWM max. resolution is 10-bit • 8-bit multichannel Analog-to-Digital converter • Synchronous Serial Port (SSP) with SPITM and I2CTM • Universal Synchronous Asynchronous Receiver Transmitter (USART/SCI) • Parallel Slave Port (PSP), 8-bits wide with external RD, WR and CS controls • Brown-out detection circuitry for Brown-out Reset (BOR) Pin Diagram: • PIC16C63A • PIC16C73B • PIC16C65B • PIC16C74B Devices I/O Pins A/D Chan. PSP Interrupts PIC16C63A 22 - No 10 PIC16C65B 33 - Yes 11 PIC16C73B 22 5 No 11 PIC16C74B 33 8 Yes 12 PDIP, Windowed CERDIP RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0/INT VDD VSS RD7/PSP7 RD6/PSP6 RD5/PSP5 RD4/PSP4 RC7/RX/DT RC6/TX/CK RC5/SDO RC4/SDI/SDA RD3/PSP3 RD2/PSP2 MCLR/VPP RA0/AN0 RA1/AN1 RA2/AN2 RA3/AN3/VREF RA4/T0CKI RA5/SS/AN4 RE0/RD/AN5 RE1/WR/AN6 RE2/CS/AN7 VDD VSS OSC1/CLKIN OSC2/CLKOUT RC0/T1OSO/T1CKI RC1/T1OSI/CCP2 RC2/CCP1 RC3/SCK/SCL RD0/PSP0 RD1/PSP1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 8-Bit CMOS Microcontrollers with A/D Converter |
Similar Part No. - PIC16C73B |
|
Similar Description - PIC16C73B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |