Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F1503 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F1503
Description  14-Pin Flash, 8-Bit Microcontrollers
Download  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1503 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F1503 Datasheet HTML 7Page - Microchip Technology PIC16F1503 Datasheet HTML 8Page - Microchip Technology PIC16F1503 Datasheet HTML 9Page - Microchip Technology PIC16F1503 Datasheet HTML 10Page - Microchip Technology PIC16F1503 Datasheet HTML 11Page - Microchip Technology PIC16F1503 Datasheet HTML 12Page - Microchip Technology PIC16F1503 Datasheet HTML 13Page - Microchip Technology PIC16F1503 Datasheet HTML 14Page - Microchip Technology PIC16F1503 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 340 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41607A-page 11
PIC16(L)F1503
TABLE 1-2:
PIC16(L)F1503 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1IN+/DACOUT1/
ICSPDAT
RA0
TTL
CMOS General purpose I/O.
AN0
AN
A/D Channel input.
C1IN+
AN
Comparator C1 positive input.
DACOUT1
AN
Digital-to-Analog Converter output.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
RA1/AN1/VREF+/C1IN0-/C2IN0-/
ICSPCLK
RA1
TTL
CMOS General purpose I/O.
AN1
AN
A/D Channel input.
VREF+
AN
A/D Positive Voltage Reference input.
C1IN0-
AN
Comparator C1 negative input.
C2IN0-
AN
Comparator C2 negative input.
ICSPCLK
ST
Serial Programming Clock.
RA2/AN2/C1OUT/DACOUT2/
T0CKI/INT/PWM3/CLC1(1)/
CWG1FLT
RA2
ST
CMOS General purpose I/O.
AN2
AN
A/D Channel input.
C1OUT
CMOS Comparator C1 output.
DACOUT2
AN
Digital-to-Analog Converter output.
T0CKI
ST
Timer0 clock input.
INT
ST
External interrupt.
PWM3
CMOS Pulse Width Module source output.
CLC1
CMOS Configurable Logic Cell source output.
CWG1FLT
ST
Complementary Waveform Generator Fault input.
RA3/CLC1IN0/VPP/T1G(2)/SS(2)/
MCLR
RA3
TTL
General purpose input.
CLC1IN0
ST
Configurable Logic Cell source input.
VPP
HV
Programming voltage.
T1G
ST
Timer1 Gate input.
SS
ST
Slave Select input.
MCLR
ST
Master Clear with internal pull-up.
RA4/AN3/NCO1(2)/SDO(2)/
CLKOUT/T1G(1)
RA4
TTL
CMOS General purpose I/O.
AN3
AN
A/D Channel input.
NCO1
CMOS Numerically Controlled Oscillator output.
SDO
CMOS SPI data output.
CLKOUT
CMOS FOSC/4 output.
T1G
ST
Timer1 Gate input.
RA5/CLKIN/T1CKI/NCO1CLK/
CLC1IN1
RA5
TTL
CMOS General purpose I/O.
CLKIN
CMOS
External clock input (EC mode).
T1CKI
ST
Timer1 clock input.
NCO1CLK
ST
Numerically Controlled Oscillator Clock source input.
CLC1IN1
ST
CLC1 input.
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register.
2: Alternate location for peripheral pin function selected by the APFCON register.


Similar Part No. - PIC16F1503

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F1503 MICROCHIP-PIC16F1503 Datasheet
3Mb / 340P
   14-Pin Flash, 8-Bit Microcontrollers
2011
PIC16F1503 MICROCHIP-PIC16F1503 Datasheet
6Mb / 422P
   20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
11/29/12 2011-2013
PIC16F1503 MICROCHIP-PIC16F1503 Datasheet
3Mb / 340P
   14-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results

Similar Description - PIC16F1503

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF1503-I MICROCHIP-PIC16LF1503-I Datasheet
3Mb / 340P
   14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12F529T48A MICROCHIP-PIC12F529T48A Datasheet
981Kb / 98P
   14-Pin, 8-Bit Flash Microcontrollers
11/29/11
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
   8/14-Pin, 8-Bit Flash Microcontrollers
2007
PIC16LF1503 MICROCHIP-PIC16LF1503 Datasheet
3Mb / 340P
   14-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F510-I MICROCHIP-PIC12F510-I Datasheet
1Mb / 124P
   8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
PIC12F509-I MICROCHIP-PIC12F509-I Datasheet
1Mb / 110P
   8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC12F508 MICROCHIP-PIC12F508_09 Datasheet
1Mb / 110P
   8/14-Pin, 8-Bit Flash Microcontrollers
2009
PIC12F508 MICROCHIP-PIC12F508_1 Datasheet
682Kb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
05/28/04
PIC12F508T-I MICROCHIP-PIC12F508T-I Datasheet
1Mb / 106P
   8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com