Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQA13N80-F109 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQA13N80-F109
Description  12.6 A, 800 V, RDS(on) = 750 m廓 (Max.) @ VGS = 10 VID = 6.8 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA13N80-F109 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQA13N80-F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.fairchildsemi.com
©2007 Fairchild Semiconductor Corporation
FQA13N80_F109 Rev.
C0
FQA13N80_F109
N-Channel
QFET® MOSFET
800 V, 12.6 A, 750 mΩ
• 12.6 A, 800 V, RDS(on) = 750 mΩ (Max.) @ VGS = 10 V
ID = 6.8 A
• Low
Gate Charge (Typ. 68 nC)
• Low Crss (
Typ. 30 pF)
• 100%
Avalanche Tested
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor®’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance and
high avalanche energy strength. These devices are suitable for
switched mode power supplies, active power factor correction
(PFC), and electronic lamp ballasts.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
TO-3PN
Symbol
Parameter
FQA13N80_F109
Unit
VDSS
Drain-Source Voltage
800
V
ID
Drain Current
- Continuous (TC = 25°C)
12.6
A
- Continuous (TC = 100°C)
8.0
A
IDM
Drain Current
- Pulsed
(Note 1)
50.4
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1100
mJ
IAR
Avalanche Current
(Note 1)
12.6
A
EAR
Repetitive Avalanche Energy
(Note 1)
30
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation (TC = 25°C)
300
W
- Derate above 25°C
2.38
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQA13N80_F109
Unit
RθJC
Thermal Resistance, Junction-to-Case
, Max.
0.42
°C/W
RθCS
Thermal Resistance, Case-to-Sink
, Typ.
0.24
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
, Max.
40
°C/W
Features
G
D
S
April 2013


Similar Part No. - FQA13N80-F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
830Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
833Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA13N80 ISC-FQA13N80 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA13N80 FAIRCHILD-FQA13N80_06 Datasheet
830Kb / 9P
   800V N-Channel MOSFET
More results

Similar Description - FQA13N80-F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86252 FAIRCHILD-FDMS86252 Datasheet
268Kb / 7P
   Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
   Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
FDMA1430JP FAIRCHILD-FDMA1430JP Datasheet
222Kb / 8P
   Max rDS(on) = 90 m廓 at VGS = -4.5 V, ID = -2.9 A
BSS84-NL FAIRCHILD-BSS84-NL Datasheet
144Kb / 5P
   ??.13A, ??0V. RDS(ON) = 10廓 @ VGS = ?? V
FQB34P10TM-F085 FAIRCHILD-FQB34P10TM-F085 Datasheet
1Mb / 8P
   -33.5A, -100V, RDS(on) = 0.06廓 @VGS = -10 V
FDPF16N50UT FAIRCHILD-FDPF16N50UT Datasheet
826Kb / 9P
   R DS(on) = 370 m廓 ( Typ.) @ VGS = 10 V, ID = 7.5 A
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
IRF7831PBF IRF-IRF7831PBF Datasheet
264Kb / 10P
   HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )
logo
Texas Instruments
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
logo
Fairchild Semiconductor
FCPF7N60NT FAIRCHILD-FCPF7N60NT Datasheet
388Kb / 10P
   N-Channel SupreMOS짰 MOSFET 600 V, 6.8 A, 520 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com