Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQA13N80-F109 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQA13N80-F109
Description  12.6 A, 800 V, RDS(on) = 750 m廓 (Max.) @ VGS = 10 VID = 6.8 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA13N80-F109 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQA13N80-F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 6.3 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS = 0V
2. I
D =250 µA
T
J, Junction Temperature [
oC]
25
50
75
100
125
150
0
2
4
6
8
10
12
14
T
C, Case Temperature [
]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10µs
DC
10 ms
1 ms
100µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
N o te s :
1 . Z
θ JC ( t) = 0 .4 2
/W M a x .
2 . D u ty F a c to r, D = t
1/t 2
3 . T
JM - T C = P DM * Z θ JC (t )
s in gle puls e
D= 0 .5
0.0 2
0.2
0.05
0.1
0.01
t
1 , S quar e W av e P u ls e D u r at io n [ s ec ]
t1
PDM
t2
4
www.fairchildsemi.com
©2007 Fairchild Semiconductor Corporation
FQA13N80_F109 Rev.
C0


Similar Part No. - FQA13N80-F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
830Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
833Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA13N80 ISC-FQA13N80 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA13N80 FAIRCHILD-FQA13N80_06 Datasheet
830Kb / 9P
   800V N-Channel MOSFET
More results

Similar Description - FQA13N80-F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86252 FAIRCHILD-FDMS86252 Datasheet
268Kb / 7P
   Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
   Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
FDMA1430JP FAIRCHILD-FDMA1430JP Datasheet
222Kb / 8P
   Max rDS(on) = 90 m廓 at VGS = -4.5 V, ID = -2.9 A
BSS84-NL FAIRCHILD-BSS84-NL Datasheet
144Kb / 5P
   ??.13A, ??0V. RDS(ON) = 10廓 @ VGS = ?? V
FQB34P10TM-F085 FAIRCHILD-FQB34P10TM-F085 Datasheet
1Mb / 8P
   -33.5A, -100V, RDS(on) = 0.06廓 @VGS = -10 V
FDPF16N50UT FAIRCHILD-FDPF16N50UT Datasheet
826Kb / 9P
   R DS(on) = 370 m廓 ( Typ.) @ VGS = 10 V, ID = 7.5 A
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
IRF7831PBF IRF-IRF7831PBF Datasheet
264Kb / 10P
   HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )
logo
Texas Instruments
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
logo
Fairchild Semiconductor
FCPF7N60NT FAIRCHILD-FCPF7N60NT Datasheet
388Kb / 10P
   N-Channel SupreMOS짰 MOSFET 600 V, 6.8 A, 520 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com