Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF1048BUCX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FPF1048BUCX
Description  Input Voltage Operating Range: 1.5 V to 5.5 V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1048BUCX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FPF1048BUCX Datasheet HTML 1Page - Fairchild Semiconductor FPF1048BUCX Datasheet HTML 2Page - Fairchild Semiconductor FPF1048BUCX Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
February 2013
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF1048 • Rev. 1.0.4
FPF1048
IntelliMAX™ 3 A-Capable, Slew-Rate-Controlled Load Switch
with True Reverse Current Blocking
Features
Input Voltage Operating Range: 1.5 V to 5.5 V
Typical RDS(ON):
-
21 mΩ at VIN=5.5 V
-
23 mΩ at VIN=4.5 V
-
41 mΩ at VIN=1.8 V
-
90 mΩ at VIN=1.5 V
Slew Rate/Inrush Control with tR: 2.7 ms (Typ.)
3 A Maximum Continuous Current Capability
Low Off Switch Current: <1 µA
True Reverse Current Blocking (TRCB)
Logic CMOS IO Meets JESD76 Standard for GPIO
Interface and Related Power Supply Requirements
ESD Protected:
-
Human Body Model: >8 kV
-
Charged Device Model: >1.5 kV
-
IEC 61000-4-2 Air Discharge: >15 kV
-
IEC 61000-4-2 Contact Discharge: >8 kV
Applications
Smart Phones, Tablet PCs
Storage, DSLR, and Portable Devices
Description
The FPF1048 advanced load management switch
targets applications requiring a highly integrated
solution. It disconnects loads powered from the DC
power rail (<6 V) with stringent off-state current targets
and high load capacitances (up to 100 µF). The
FPF1048
consists
of
slew-rate
controlled
low-
impedance MOSFET switch (23 mΩ typical) and
integrated analog features. The slew-rate controlled
turn-on characteristic prevents inrush current and the
resulting excessive voltage droop on power rails.
The FPF1048 has a True Reverse Current Blocking
(TRCB) function that obstructs unwanted reverse
current from VOUT to VIN during both ON and OFF states.
The exceptionally low off-state current drain (<1µA
maximum) facilitates compliance with standby power
requirements. The input voltage range operates from
1.5 V to 5.5 VDC to support a wide range of applications
in consumer, optical, medical, storage, portable, and
industrial-device power management. Switch control is
managed by a logic input (active HIGH) capable of
interfacing directly with low-voltage control signal /
General-Purpose Input / Output (GPIO) without an
external pull-down resistor.
The device is packaged in advanced, fully “green”
compliant, 1.0 mm x 1.5 mm, Wafer-Level Chip-Scale
Package (WLCSP) with backside lamination.
Ordering Information
Part Number
Top
Mark
Switch RON
(Typical)
at 4.5VIN
Input
Buffer
Output
Discharge
ON Pin
Activity
tR
Package
FPF1048BUCX
RA
23 mΩ
CMOS
NA
Active
HIGH
2.7 ms
6-Ball, WLCSP with
Backside Laminate, 2x3 Array,
0.5 mm Pitch, 300 µm Balls


Similar Part No. - FPF1048BUCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF1048BUCX ONSEMI-FPF1048BUCX Datasheet
707Kb / 14P
   3 A-Capable, Slew-Rate-Controlled Load Switch
April 2015 Rev. 1.8
More results

Similar Description - FPF1048BUCX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
logo
Freescale Semiconductor...
MKE02P64M20SF0 FREESCALE-MKE02P64M20SF0 Datasheet
1Mb / 36P
   Operating characteristics : Flash write voltage range: 2.7 to 5.5 V
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
logo
EHAOAN.
HS1838T-B-C EHAOAN-HS1838T-B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 V -5.5 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
logo
EHAOAN.
HS1538B-D EHAOAN-HS1538B-D Datasheet
1Mb / 8P
   Operating voltage: 2.2 v -5.5
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H Datasheet
831Kb / 33P
   Haptics Enabled CapSense Controller 1.71-V to 5.5-V operating range
logo
EHAOAN.
HS1538S EHAOAN-HS1538S Datasheet
1Mb / 8P
   Operating voltage: 2.7-5.5 v
HS0038B-D EHAOAN-HS0038B-D Datasheet
1Mb / 8P
   Operating voltage: 2.2 v -5.5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com