Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C25702KV18-450BZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C25702KV18-450BZC
Description  72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C25702KV18-450BZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C25702KV18-450BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CY7C25682KV18
CY7C25702KV18
72-Mbit DDR II+ SRAM Two-Word Burst Architecture
(2.5 Cycle Read Latency) with ODT
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-66483 Rev. *B
Revised February 20, 2013
72-Mbit DDR II+ SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Features
72-Mbit density (4 M × 18, 2 M × 36)
550 MHz clock for high bandwidth
Two-word burst for reducing address bus frequency
Double data rate (DDR) interfaces (data transferred at
1100 MHz) at 550 MHz
Available in 2.5 clock cycle latency
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Echo Clocks (CQ and CQ) simplify data capture in high speed
systems
Data valid pin (QVLD) to indicate valid data on the output
On-die termination (ODT) feature
Supported for D[x:0], BWS[x:0], and K/K inputs
Synchronous internally self-timed writes
DDR II+ operates with 2.5 cycle read latency when DOFF is
asserted HIGH
Operates similar to DDR I Device with 1 cycle read latency
when DOFF is asserted LOW
Core VDD = 1.8 V ± 0.1 V; I/O VDDQ = 1.4 V to VDD
[1]
Supports both 1.5 V and 1.8 V I/O supply
HSTL inputs and variable drive HSTL output buffers
Available in 165-ball FBGA package (13 × 15 × 1.4 mm)
Offered in both Pb-free and non Pb-free packages
JTAG 1149.1 compatible test access port
Phase-locked loop (PLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.5 cycles:
CY7C25682KV18 – 4 M × 18
CY7C25702KV18 – 2 M × 36
Functional Description
The CY7C25682KV18, and CY7C25702KV18 are 1.8 V
Synchronous Pipelined SRAMs equipped with DDR II+
architecture. The DDR II+ consists of an SRAM core with
advanced synchronous peripheral circuitry. Addresses for read
and write are latched on alternate rising edges of the input (K)
clock. Write data is registered on the rising edges of both K and
K. Read data is driven on the rising edges of K and K. Each
address location is associated with two 18-bit words
(CY7C25682KV18), or 36-bit words (CY7C25702KV18) that
burst sequentially into or out of the device.
These devices have an On-Die Termination feature supported
for D[x:0], BWS[x:0], and K/K inputs, which helps eliminate
external termination resistors, reduce cost, reduce board area,
and simplify board routing.
Asynchronous inputs include an output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the two
output echo clocks CQ/CQ, eliminating the need for separately
capturing data from each individual DDR SRAM in the system
design.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Selection Guide
Description
550 MHz
500 MHz
450 MHz
400 MHz
Unit
Maximum Operating Frequency
550
500
450
400
MHz
Maximum Operating Current
× 18
760
700
650
590
mA
× 36
970
890
820
750
Note
1. The Cypress QDR II+ devices surpass the QDR consortium specification and can support VDDQ = 1.4 V to VDD.


Similar Part No. - CY7C25702KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2570KV18 CYPRESS-CY7C2570KV18 Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2570KV18-400BZC CYPRESS-CY7C2570KV18-400BZC Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2570KV18-400BZI CYPRESS-CY7C2570KV18-400BZI Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2570KV18-400BZXC CYPRESS-CY7C2570KV18-400BZXC Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2570KV18-400BZXI CYPRESS-CY7C2570KV18-400BZXI Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C25702KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2568XV18 CYPRESS-CY7C2568XV18_12 Datasheet
883Kb / 29P
   72-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2568XV18 CYPRESS-CY7C2568XV18 Datasheet
908Kb / 29P
   72-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268KV18 CYPRESS-CY7C2268KV18 Datasheet
874Kb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2168KV18 CYPRESS-CY7C2168KV18 Datasheet
879Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268KV18 CYPRESS-CY7C2268KV18_12 Datasheet
876Kb / 29P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268XV18 CYPRESS-CY7C2268XV18 Datasheet
907Kb / 29P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com