Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C25702KV18-450BZC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C25702KV18-450BZC
Description  72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C25702KV18-450BZC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C25702KV18-450BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C25702KV18-450BZC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CY7C25682KV18
CY7C25702KV18
Document Number: 001-66483 Rev. *B
Page 6 of 29
CQ
Echo Clock Synchronous Echo Clock Outputs. This is a free running clock and is synchronized to the input clock
(K) of the DDR II+. The timing for the echo clocks is shown in the Switching Characteristics on page 23.
CQ
Echo Clock Synchronous Echo Clock Outputs. This is a free running clock and is synchronized to the input clock
(K) of the DDR II+. The timing for the echo clocks is shown in the Switching Characteristics on page 23.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data
bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 × RQ, where RQ is a resistor
connected between ZQ and ground. Alternatively, this pin can be connected directly to VDDQ, which
enables the minimum impedance mode. This pin cannot be connected directly to GND or left
unconnected.
DOFF
Input
PLL Turn Off
 Active LOW. Connecting this pin to ground turns off the PLL inside the device. The
timing in the PLL turned off operation differs from those listed in this data sheet. For normal operation,
this pin can be connected to a pull up through a 10 K
 or less pull up resistor. The device behaves in
DDR I mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up
to 167 MHz with DDR I timing.
TDO
Output
TDO Pin for JTAG.
TCK
Input
TCK Pin for JTAG.
TDI
Input
TDI Pin for JTAG.
TMS
Input
TMS Pin for JTAG.
NC
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/144M
Input
Not Connected to the Die. Can be tied to any voltage level.
NC/288M
Input
Not Connected to the Die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power Supply Inputs to the Core of the Device.
VSS
Ground
Ground for the Device.
VDDQ
Power Supply Power Supply Inputs for the Outputs of the Device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CY7C25702KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2570KV18 CYPRESS-CY7C2570KV18 Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2570KV18-400BZC CYPRESS-CY7C2570KV18-400BZC Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2570KV18-400BZI CYPRESS-CY7C2570KV18-400BZI Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2570KV18-400BZXC CYPRESS-CY7C2570KV18-400BZXC Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2570KV18-400BZXI CYPRESS-CY7C2570KV18-400BZXI Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C25702KV18-450BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C2568XV18 CYPRESS-CY7C2568XV18_12 Datasheet
883Kb / 29P
   72-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2568XV18 CYPRESS-CY7C2568XV18 Datasheet
908Kb / 29P
   72-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268KV18 CYPRESS-CY7C2268KV18 Datasheet
874Kb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2168KV18 CYPRESS-CY7C2168KV18 Datasheet
879Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268KV18 CYPRESS-CY7C2268KV18_12 Datasheet
876Kb / 29P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2670KV18 CYPRESS-CY7C2670KV18 Datasheet
824Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C2268XV18 CYPRESS-CY7C2268XV18 Datasheet
907Kb / 29P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566V18 CYPRESS-CY7C1566V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com