Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1372D-167AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1372D-167AXC
Description  18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1372D-167AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1372D-167AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1372D-167AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1372D-167AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1372D-167AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1372D-167AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1372D-167AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1372D-167AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1372D-167AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1372D-167AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
CY7C1370D, CY7C1372D
Document Number: 38-05555 Rev. *N
Page 9 of 31
Truth Table
The Truth Table for CY7C1370D and CY7C1372D follows. [1, 2, 3, 4, 5, 6, 7]
Operation
Address Used CE
ZZ
ADV/LD WE BWx OE CEN CLK
DQ
Deselect cycle
None
H
L
L
X
X
X
L
L–H
Tri-state
Continue deselect cycle
None
X
L
H
X
X
X
L
L–H
Tri-state
Read cycle (begin burst)
External
L
L
L
H
X
L
L
L–H Data out (Q)
Read cycle (continue burst)
Next
X
L
H
X
X
L
L
L–H Data out (Q)
NOP/dummy read (begin burst)
External
L
L
L
H
X
H
L
L–H
Tri-state
Dummy read (continue burst)
Next
X
L
H
X
X
H
L
L–H
Tri-state
Write cycle (begin burst)
External
L
L
L
L
L
X
L
L–H
Data in (D)
Write cycle (continue burst)
Next
X
L
H
X
L
X
L
L–H
Data in (D)
NOP/write abort (begin burst)
None
L
L
L
L
H
X
L
L–H
Tri-state
Write abort (continue burst)
Next
X
L
H
X
H
X
L
L–H
Tri-state
Ignore clock edge (stall)
Current
X
L
X
X
X
X
H
L–H
Sleep mode
None
X
H
X
X
X
X
X
X
Tri-state
Notes
1. X = “Don't Care”, H = Logic HIGH, L = Logic LOW, CE stands for ALL Chip Enables active. BWx = L signifies at least one Byte Write Select is active, BWx = Valid
signifies that the desired byte write selects are asserted, see Write Cycle Description table for details.
2. Write is defined by WE and BWX. See Write Cycle Description table for details.
3. When a write cycle is detected, all I/Os are tristated, even during byte writes.
4. The DQ and DQP pins are controlled by the current cycle and the OE signal.
5. CEN = H inserts wait states.
6. Device will power-up deselected and the I/Os in a tristate condition, regardless of OE.
7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQPX = Tri-state when OE is
inactive or when the device is deselected, and DQs = data when OE is active.


Similar Part No. - CY7C1372D-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1372D-167AXC CYPRESS-CY7C1372D-167AXC Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1372D-167AXC CYPRESS-CY7C1372D-167AXC Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D-167AXC CYPRESS-CY7C1372D-167AXC Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1372D-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1380S CYPRESS-CY7C1380S Datasheet
1Mb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_12 Datasheet
1,000Kb / 31P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com