Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021BN Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1021BN
Description  1-Mbit (64 K 횞 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BN Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1021BN_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BN_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BN_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BN_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BN_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BN_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BN_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BN_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BN_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CY7C1021BN, CY7C10211BN
Document #: 001-06494 Rev. *D
Page 2 of 14
Contents
Selection Guide ................................................................ 3
Pin Configuration ............................................................. 3
Pin Definitions .................................................................. 3
Maximum Ratings ............................................................. 4
Operating Range ............................................................... 4
Electrical Characteristics ................................................. 4
Capacitance ...................................................................... 5
Thermal Resistance .......................................................... 5
AC Test Loads and Waveforms ....................................... 5
Switching Characteristics ................................................ 6
Switching Waveforms ...................................................... 7
Truth Table ........................................................................ 9
Ordering Information ...................................................... 10
Ordering Code Definitions ......................................... 10
Package Diagrams .......................................................... 11
Acronyms ........................................................................ 12
Document Conventions ................................................. 12
Units of Measure ....................................................... 12
Document History Page ................................................. 13
Sales, Solutions, and Legal Information ...................... 14
Worldwide Sales and Design Support ....................... 14
Products .................................................................... 14
PSoC Solutions ......................................................... 14
[+] Feedback


Similar Part No. - CY7C1021BN_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BN-12VC CYPRESS-CY7C1021BN-12VC Datasheet
474Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BN-12VC CYPRESS-CY7C1021BN-12VC Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BN-12VI CYPRESS-CY7C1021BN-12VI Datasheet
474Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BN-12VI CYPRESS-CY7C1021BN-12VI Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BN-12VXC CYPRESS-CY7C1021BN-12VXC Datasheet
474Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021BN_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com