Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6300SY Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN6300SY
Description  High-Voltage Startup, Quasi-Resonant Operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300SY Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN6300SY Datasheet HTML 1Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 2Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 3Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 4Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 5Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 6Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 7Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 8Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300 • Rev. 1.0.3
2
Application Diagram
Figure 1. Typical Application
Internal Block Diagram
CS
8
6
2
3
1
4
7
5
0.3V
DRV
GND
VDD
Two Steps
UVLO
16V/10V/8V
Internal
Bias
Latched
18V
GATE
DET
FB
NC
HV
Latched
4.2V
2R
R
Soft-Start
2ms
PWM
Current Limit
IDET
Internal
OTP
Latched
S/H
Blanking
Circuit
tOFF-MIN
(8µs/38µs)
IDET
5V
DET OVP
2.5V
tOFF
Blanking
(4µs)
Q
Q
SET
CLR
S
R
FB OLP
Timer
55ms
Over-Power
Compensation
VDET
Starter
500µs
30µs
Latched
Valley
Detector
0.3V
27V
OVP
VDET
IHV
1st
Valley
tOFF-MIN
+9µs
Figure 2. Functional Block Diagram


Similar Part No. - FAN6300SY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6300SZ FAIRCHILD-FAN6300SZ Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results

Similar Description - FAN6300SY

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1 Datasheet
1Mb / 27P
   Quasi resonant operation
V2.2 2014-07-10
logo
Active-Semi, Inc
ACT512 ACTIVE-SEMI-ACT512_14 Datasheet
312Kb / 14P
   CCM and Quasi-Resonant Operation
Rev 4, 13-Feb-14
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
   Off Line High Voltage Quasi Resonant Regulator
logo
Dialog Semiconductor
IW1691 DIALOG-IW1691 Datasheet
1Mb / 24P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1691 RENESAS-IW1691 Datasheet
2Mb / 32P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
logo
Dialog Semiconductor
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
logo
List of Unclassifed Man...
FA5530 ETC2-FA5530 Datasheet
256Kb / 4P
   Quasi-Resonant IC
logo
Infineon Technologies A...
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
   Quasi-Resonant Controller
V 2.1 2020-02-03
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
   Quasi-resonant high performance off line high voltage converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com