Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6300SY Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN6300SY
Description  High-Voltage Startup, Quasi-Resonant Operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300SY Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6300SY Datasheet HTML 6Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 7Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 8Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 9Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 10Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 11Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 12Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 13Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300 • Rev. 1.0.3
11
Current Sensing and PWM Current Limiting
Peak-current-mode control is utilized to regulate output
voltage and provide pulse-by-pulse current limiting. The
switch current is detected by a sense resistor into the
CS pin. The PWM duty cycle is determined by this
current sense signal and VFB. When the voltage on CS
pin reaches around VLIMIT = (VFB-1.2)/3, the switch cycle
is terminated immediately. VLIMIT is internally clamped to
a variable voltage around 0.8V for output power limit.
Leading Edge Blanking (LEB)
Each time the power MOFFET switches on, a turn-on
spike occurs on the sense resistor. To avoid premature
termination of the switching pulse, lead-edge blanking
time is built in. During the blanking period, the current limit
comparator is disabled; it cannot switch off the gate driver.
Under-Voltage Lockout (UVLO)
The turn-on, PWM-off, and turn-off thresholds are fixed
internally at 16/10/8V. During startup, the startup
capacitor must be charged to 16V through the startup
resistor to enable the IC. The hold-up capacitor
continues to supply VDD until energy can be delivered
from the auxiliary winding of the main transformer. VDD
must not drop below 10V during this startup process.
This UVLO hysteresis window ensures that hold-up
capacitor is adequate to supply VDD during startup.
Gate Output
The BiCMOS output stage is a fast totem-pole gate
driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance
reliability. The output driver is clamped by an internal
18V Zener diode to protect power MOSFET transistors
against undesired over-voltage gate signals.
Over-Power Compensation
To compensate this variation for wide AC input range,
the DET pin produces an offset voltage to compensate
the threshold voltage of the peak current limit to provide
a constant-power limit. The offset is generated in
accordance with the input voltage when PWM signal is
enabled. This results in a lower current limit at high-line
inputs than low-line inputs. At fixed-load condition, the
CS limit is higher when the value of RDET is higher. RDET
also affects the H/L line constant power limit.
Figure 22. H/L Line Constant Power Limit
Compensated by DET Pin
VDD Over-Voltage Protection
VDD over-voltage protection prevents damage due to
abnormal conditions. Once the VDD voltage is over the
VDD over-voltage protection voltage (VDD-OVP) and lasts
for tVDDOVP, controller enters latch mode and stops all
switching operation.
Output Over-Voltage Protection
The output over-voltage protection works by the
sampling voltage, as shown in Figure 23, after switch-off
sequence. A 4μs blanking time ignores the leakage
inductance ringing. A voltage comparator and a 2.5V
reference voltage develop an output OVP protection.
The ratio of the divider determines the sampling voltage
of the stop gate, as an optical coupler and secondary
shunt regulator are used. If the DET pin OVP is
triggered, power system enters latch-mode until AC
power is removed.
Figure 23. Voltage Sampled After 4μs Blanking Time
After Switch-off Sequence
Short-Circuit and Open-Loop Protection
The FB voltage increases every time the output of the
power supply is shorted or overloaded. If the FB voltage
remains higher than a built-in threshold for longer than
tD-OLP, PWM output is turned off. As PWM output is
turned-off, the supply voltage VDD begins decreasing.
When VDD goes below the PWM-off threshold of 10V,
VDD decreases to 8V, then the controller is totally shut
down. VDD is charged up to the turn-on threshold voltage
of 16V through the startup resistor until PWM output is
restarted. This protection feature continues as long as
the overloading condition persists. This prevents the
power supply from overheating due to overloading.


Similar Part No. - FAN6300SY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6300SZ FAIRCHILD-FAN6300SZ Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results

Similar Description - FAN6300SY

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1 Datasheet
1Mb / 27P
   Quasi resonant operation
V2.2 2014-07-10
logo
Active-Semi, Inc
ACT512 ACTIVE-SEMI-ACT512_14 Datasheet
312Kb / 14P
   CCM and Quasi-Resonant Operation
Rev 4, 13-Feb-14
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
   Off Line High Voltage Quasi Resonant Regulator
logo
Dialog Semiconductor
IW1691 DIALOG-IW1691 Datasheet
1Mb / 24P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1691 RENESAS-IW1691 Datasheet
2Mb / 32P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
logo
Dialog Semiconductor
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
logo
List of Unclassifed Man...
FA5530 ETC2-FA5530 Datasheet
256Kb / 4P
   Quasi-Resonant IC
logo
Infineon Technologies A...
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
   Quasi-Resonant Controller
V 2.1 2020-02-03
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
   Quasi-resonant high performance off line high voltage converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com