Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4401BU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. 2N4401BU
Description  This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

2N4401BU Datasheet(HTML) 5 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Typical Common Emitter Characteristics (f = 1.0kHz)
Common Emitter Characteristics
0
10203040
5060
0
2
4
6
8
I - COLLECTOR CURRENT (mA)
V
= 10 V
CE
C
T
= 25 C
A
o
hoe
h re
h fe
h ie
Common Emitter Characteristics
0
20406080
100
0
0.4
0.8
1.2
1.6
2
2.4
T - AMBIENT TEMPERATURE ( C)
V
= 10 V
CE
A
I = 10 mA
C
hoe
hre
hfe
hie
o
Common Emitter Characteristics
0
5
10
15
20
25
30
35
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
V
- COLLECTOR VOLTAGE (V)
CE
T
= 25 C
A
o
hoe
h re
h fe
h ie
I
= 10 mA
C
NPN General Purpose Amplifier
(continued)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn