Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4401BU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. 2N4401BU
Description  This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

2N4401BU Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
Typical Pulsed Current Gain
vs Collector Current
0.1
0.3
1
3
10
30
100
300
0
100
200
300
400
500
I - COLLECTOR CURRENT (mA)
C
125 °C
25 °C
- 40 °C
V
= 5V
CE
Collector-Emitter Saturation
Voltage vs Collector Current
110
100
500
0.1
0.2
0.3
0.4
I
- COLLECTOR CURRENT (mA)
25 °C
C
β = 10
125 °C
- 40 °C
Base-Emitter Saturation
Voltage vs Collector Current
1
10
100
500
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
β = 10
25 °C
125 °C
- 40 °C
Base-Emitter ON Voltage vs
Collector Current
0.1
1
10
25
0.2
0.4
0.6
0.8
1
I
- COLLECTOR CURRENT (mA)
C
V
= 5V
CE
25 °C
125 °C
- 40 °C
Collector-Cutoff Current
vs Ambient Temperature
25
50
75
100
125
150
0.1
1
10
100
500
T - AMBIENT TEMPERATURE ( C)
A
V
= 40V
CB
°
Emitter Transition and Output
Capacitance vs Reverse Bias Voltage
0.1
1
10
100
4
8
12
16
20
REVERSE BIAS VOLTAGE (V)
f = 1 MHz
C ob
C
NPN General Purpose Amplifier
te
(continued)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn