Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLD-DS52 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLD-DS52
Description  Cree짰 XLamp짰 XQ-D LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS52 Datasheet(HTML) 3 Page - Cree, Inc

  CLD-DS52 Datasheet HTML 1Page - Cree, Inc CLD-DS52 Datasheet HTML 2Page - Cree, Inc CLD-DS52 Datasheet HTML 3Page - Cree, Inc CLD-DS52 Datasheet HTML 4Page - Cree, Inc CLD-DS52 Datasheet HTML 5Page - Cree, Inc CLD-DS52 Datasheet HTML 6Page - Cree, Inc CLD-DS52 Datasheet HTML 7Page - Cree, Inc CLD-DS52 Datasheet HTML 8Page - Cree, Inc CLD-DS52 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
3
xlamp xQ-D leD
fluX characteristics (t
J = 25 °c)
The following table provides several base order codes for XLamp XQ-D LeDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well as
a complete description of the order-code nomenclature, please consult the XLamp XQ-D Binning and Labeling document.
color
cct range
base order codes
minimum luminous
flux @ 350 ma
calculated
minimum
luminous
flux (lm)*
order code
min.
max.
Group
flux (lm)
700 ma
Cool White
5000 K
8300 K
R4
130
227
XQDAWT-00-0000-00000LG51
R3
122
213
XQDAWT-00-0000-00000LF51
R2
114
199
XQDAWT-00-0000-00000Le51
70 CRI minimum
Cool White
5000 K
8300 K
R4
130
227
XQDAWT-00-0000-00000BG51
R3
122
213
XQDAWT-00-0000-00000BF51
R2
114
199
XQDAWT-00-0000-00000Be51
Neutral White
3700 K
5000 K
R3
122
213
XQDAWT-00-0000-00000BFe5
R2
114
199
XQDAWT-00-0000-00000Bee5
Q5
107
187
XQDAWT-00-0000-00000LDe5
80 CRI minimum
White
2600 K
4300 K
Q4
100
172
XQDAWT-00-0000-00000HCE7
Q3
93.9
164
XQDAWT-00-0000-00000HBE7
Q2
87.4
153
XQDAWT-00-0000-00000HAE7
Warm White
2600 K
3700 K
Q4
100
172
XQDAWT-00-0000-00000LCe7
Q3
93.9
164
XQDAWT-00-0000-00000LBe7
Q2
87.4
153
XQDAWT-00-0000-00000LAe7
Notes:
• Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy)
measurements and ±2 on CRI measurements.
• Typical CRI for Neutral White, 3700 K - 5000K CCT is 75.
• Typical CRI for Warm White, 2600 K - 3700 K CCT is 80.
• minimum CRI for 70 CRI minimum Cool White is 70.
• minimum CRI for 80 CRI minimum White is 80.
* Calculatedfluxvaluesat700mAareforreferenceonly.


Similar Part No. - CLD-DS52

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
More results

Similar Description - CLD-DS52

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com