Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS646-EP Datasheet(PDF) 6 Page - Analog Devices

Part No. ADXRS646-EP
Description  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXRS646-EP Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ADXRS646-EP
Enhanced Product
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
Figure 4. Null Bias at 25°C
Figure 5. Null Drift over Temperature (VRATIO = 5 V)
Figure 6. Null Output over Temperature, 16 Parts in Sockets (VRATIO = 5 V)
Figure 7. Sensitivity at 25°C
Figure 8. Sensitivity Drift over Temperature
Figure 9. Typical Root Allan Deviation at 25°C vs. Averaging Time
30
0
5
10
15
20
25
RATEOUT (V)
30
0
5
10
15
20
25
DRIFT (°/sec/°C)
3.5
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
35
30
25
20
15
10
5
0
SENSITIVITY (mV/°/sec)
8.5
8.6
8.7
8.8
8.9
9.0
9.1
9.2
9.3
9.4
9.5
40
35
30
25
20
15
10
5
0
PERCENT DRIFT (%)
–10 –8 –6 –4 –2
0
2
4
6
8
10 12 14 16 18 20
1k
100
1
10
AVERAGING TIME (Seconds)
0.01
0.1
1
10
100
1k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn