Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7146AH-V4.557 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # SAA7146AH-V4.557
Description  Multimedia bridge, high performance Scaler and PCI circuit
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7146AH-V4.557 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button SAA7146AH-V4.557 Datasheet HTML 87Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 88Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 89Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 90Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 91Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 92Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 93Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 94Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 139 page
background image
2004 Aug 25
91
Philips Semiconductors
Product specification
Multimedia bridge, high performance
Scaler and PCI circuit (SPCI)
SAA7146A
Table 89 Clip control
OFFSET
NAME
BIT
TYPE
DESCRIPTION
78H
15 to 10
reserved
ClipCK
9 and 8
RW
clipping by chroma key CK (or MSB of
α-8): OR-ed with other clip
list or clip-bit mask, if ClipMode is enabled
00: chroma key CK is not used for clipping, CK
→α
01: chroma key CK is not used for clipping, inverted CK
→α
10: clipping, based on chroma key CK bit
11: clipping, based on chroma key CK bit inverted
7
reserved
ClipMode
6 to 4
RW
clipping based on DMA2 read information: OR-ed with chroma
key CK, if ClipCK is enabled
000: no clipping based on DMA2 read, DMA2 can be used to write
decomposed format U
001: no clipping based on DMA2 read, DMA2 reads 8-bit-
α to
substitute CK in
α-formats
010: reserved
011: reserved
100: clipping, based on pixel clip list, rectangular overlays
101: clipping, based on pixel clip list, rectangular overlays,
inverted
110: clipping, based on pixel clip bit mask 1-bit/pixel
111: clipping, based on pixel clip bit mask 1-bit/pixel, inverted
RecInterl
3
RW
select interlaced mode for rectangular overlays:
0: normal mode
1: interlaced mode, this bit must be set if only one clip list for both
fields is available. This function assumes that the ODD field is
always above the EVEN field.
2
reserved
ClipOut
1 and 0
RW
use of DMA3 to report (write) key of clip information back:
00: no clip output, DMA3 can be used to write decomposed format
V, or to serve BRS, read or write
01: DMA3 writes chroma key information CK; 1-bit/pixel
10: DMA3 writes back (clip mask-CK); 1-bit /pixel
11: DMA3 writes applied pixel clipping back; 1-bit/pixel
7.13
Scaler event description
The RPS is controlled by the PAUSE command on special
events. This section describes the video events. Because
of these video events a defined time for an upload is given.
Table 90 shows the UPLOAD handling for the scaler
registers. For special applications it can also be useful to
select other combinations. For this the termination of the
UPLOAD must guarantee that the UPLOAD is completed
before the processing restarts, e.g. with a new line or a
new field. To avoid conflicts, e.g. change of vertical
settings during vertical processing, the MASKWRITE
command can be used to change single bits within a
Dword. Each video event can force only one upload at a
time. This means that the video event is cleared by the
circuit as described below, if the corresponding upload has
occurred.


Similar Part No. - SAA7146AH-V4.557

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146AH PHILIPS-SAA7146AH Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7146AHZ PHILIPS-SAA7146AHZ Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
More results

Similar Description - SAA7146AH-V4.557

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146A PHILIPS-SAA7146A Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
   PCI Multimedia Bridge
November 30, 1995
SAA7140A PHILIPS-SAA7140A Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
logo
SMSC Corporation
LAN9132 SMSC-LAN9132 Datasheet
391Kb / 2P
   High-Performance Network Multimedia Processing Engine, supporting a PCI based interface and featuring RipStream Technology
logo
Broadcom Corporation.
BCM2702 BOARDCOM-BCM2702 Datasheet
99Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
BCM2702 BOARDCOM-BCM2702_06 Datasheet
156Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
logo
Zoran Corporation
ZR36057 ZORAN-ZR36057 Datasheet
619Kb / 48P
   ENHANCED PCI BUS MULTIMEDIA CONTROLLER
logo
NXP Semiconductors
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7112 PHILIPS-SAA7112 Datasheet
81Kb / 8P
   Decoder with High-Performance Scaler HPS for Image Port PELICAN
1996 Jun 20
logo
C&K Components
CMI8788 CK-COMPONENTS-CMI8788_17 Datasheet
902Kb / 25P
   High Performance PCI Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com