Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7146AH-V4.557 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # SAA7146AH-V4.557
Description  Multimedia bridge, high performance Scaler and PCI circuit
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7146AH-V4.557 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button SAA7146AH-V4.557 Datasheet HTML 73Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 74Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 75Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 76Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 77Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 78Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 79Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 80Page - NXP Semiconductors SAA7146AH-V4.557 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 139 page
background image
2004 Aug 25
77
Philips Semiconductors
Product specification
Multimedia bridge, high performance
Scaler and PCI circuit (SPCI)
SAA7146A
7.11.2
BINARY RATIO SCALER OUTPUT FORMATS
All YUV formats are based on CCIR coding:
Luminance Y in straight binary:
Black: Y = 16 of 256 linear coding
White: Y = 235 of 256 linear coding.
Colour difference signals UV in offset binary:
No colour: U = V = 128 of 256 steps
Full colour: U=V=128
±112 steps.
The following formats use video FIFO 3, DMA Channel 3 and are packed formats.
• YUV4:2:2 Uand V sampled co-sided with first Y sample (of 2 samples in-line). Byte phase of the first sample each
line is defined by bit 0 and bit 1 of DMA base address.
Table 65 YUV4:2:2 formats
7.11.2.1
VBI data formats
• Y8; uses only the Y portion of the data stream and packs four bytes in one Dword
• YUV4:2:2; packs two pixel into one Dword, the order is Y1,V0,Y0,U0
• 1-bit format; the Y1 format is a 1-bit format which packs 32 times the most significant bit of luminance (Y) into one
Dword, the first bit is bit 31 of the Dword
• 2-bit format; the Y2 format is a 2-bit format which packs 16 times the two most significant bits of luminance (Y) into
one Dword, the first bit is bit 31 of the Dword.
7.12
Scaler register
7.12.1
INITIAL SETTING OF DUAL D1 INTERFACE
The initial settings of the Dual D1 interface contains all control bits of the scaler part which do not change during a cyclic
processing of the video path. These control bits must be initialized at the beginning of the processing. The different
upload conditions of the video path depend on these control bits. Changing these bits during the active processing can
cause a valid UPLOAD.
PACKING WITHIN 32-BIT Dword
BIT 31 TO BIT 24
BIT 23 TO BIT 16
BIT 15 TO BIT 8
BIT 7 TO BIT 0
Y1
V0
Y0
U0


Similar Part No. - SAA7146AH-V4.557

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146AH PHILIPS-SAA7146AH Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7146AHZ PHILIPS-SAA7146AHZ Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
More results

Similar Description - SAA7146AH-V4.557

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7146A PHILIPS-SAA7146A Datasheet
645Kb / 144P
   Multimedia bridge, high performance Scaler and PCI circuit SPCI
1998 Apr 09
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
   PCI Multimedia Bridge
November 30, 1995
SAA7140A PHILIPS-SAA7140A Datasheet
432Kb / 68P
   High Performance Scaler HPS
1996 Sep 04
logo
SMSC Corporation
LAN9132 SMSC-LAN9132 Datasheet
391Kb / 2P
   High-Performance Network Multimedia Processing Engine, supporting a PCI based interface and featuring RipStream Technology
logo
Broadcom Corporation.
BCM2702 BOARDCOM-BCM2702 Datasheet
99Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
BCM2702 BOARDCOM-BCM2702_06 Datasheet
156Kb / 2P
   HIGH-PERFORMANCE MOBILE MULTIMEDIA PROCESSOR
logo
Zoran Corporation
ZR36057 ZORAN-ZR36057 Datasheet
619Kb / 48P
   ENHANCED PCI BUS MULTIMEDIA CONTROLLER
logo
NXP Semiconductors
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7112 PHILIPS-SAA7112 Datasheet
81Kb / 8P
   Decoder with High-Performance Scaler HPS for Image Port PELICAN
1996 Jun 20
logo
C&K Components
CMI8788 CK-COMPONENTS-CMI8788_17 Datasheet
902Kb / 25P
   High Performance PCI Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com