Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9537DP.118 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9537DP.118
Description  4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9537DP.118 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9537DP.118 Datasheet HTML 6Page - NXP Semiconductors PCA9537DP.118 Datasheet HTML 7Page - NXP Semiconductors PCA9537DP.118 Datasheet HTML 8Page - NXP Semiconductors PCA9537DP.118 Datasheet HTML 9Page - NXP Semiconductors PCA9537DP.118 Datasheet HTML 10Page - NXP Semiconductors PCA9537DP.118 Datasheet HTML 11Page - NXP Semiconductors PCA9537DP.118 Datasheet HTML 12Page - NXP Semiconductors PCA9537DP.118 Datasheet HTML 13Page - NXP Semiconductors PCA9537DP.118 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
PCA9537_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
10 of 24
NXP Semiconductors
PCA9537
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
7.
Application design-in information
7.1 Minimizing IDD when the I/Os are used to control LEDs
When the I/Os are used to control LEDs, they are normally connected to VDD through a
resistor as shown in Figure 9. Since the LED acts as a diode, when the LED is off the I/O
VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI becomes lower
than VDD.
Designs needing to minimize current consumption, such as battery power applications,
should consider maintaining the I/O pins greater than or equal to VDD when the LED is off.
Figure 10 shows a high value resistor in parallel with the LED. Figure 11 shows VDD less
than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VI
at or above VDD and prevents additional supply current consumption when the LED is off.
Device address is 1001 001x for this example.
IO0, IO2, IO3 configured as outputs.
IO1 configured as input.
Fig 9.
Typical application
PCA9537
IO0
IO1
SCL
SDA
VDD
(5 V)
MASTER
CONTROLLER
SCL
SDA
INT
IO2
VDD
VDD
VSS
INT
10 k
SUB-SYSTEM 1
(e.g., temp sensor)
IO3
INT
SUB-SYSTEM 2
(e.g., counter)
RESET
controlled
switch
(e.g., CBT device)
A
B
enable
VSS
002aae640
10 k
10 k
2 k
100 k
RESET
RESET
10 k
Fig 10. High value resistor in parallel with
the LED
Fig 11. Device supplied by a lower voltage
002aac660
LED
VDD
IOn
100 k
VDD
002aac661
LED
VDD
IOn
3.3 V
5 V


Similar Part No. - PCA9537DP.118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9537DP NXP-PCA9537DP Datasheet
143Kb / 24P
   4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results

Similar Description - PCA9537DP.118

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9537 NXP-PCA9537 Datasheet
143Kb / 24P
   4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9537 PHILIPS-PCA9537 Datasheet
163Kb / 17P
   4-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Nov 29
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
   8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
   16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCA9539 PHILIPS-PCA9539 Datasheet
168Kb / 21P
   16-bit I2C and SMBus, low power I/O port with interrupt and reset
2004 Sep 30
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
   8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCAL9539A NXP-PCAL9539A Datasheet
2Mb / 48P
   Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 1-3 October 2012
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
   8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCAL9538A NXP-PCAL9538A Datasheet
2Mb / 43P
   Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
Rev. 2-10 December 2012
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
   16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com