Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF183 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRF183
Description  LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF183 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF183 Datasheet HTML 1Page - Motorola, Inc MRF183 Datasheet HTML 2Page - Motorola, Inc MRF183 Datasheet HTML 3Page - Motorola, Inc MRF183 Datasheet HTML 4Page - Motorola, Inc MRF183 Datasheet HTML 5Page - Motorola, Inc MRF183 Datasheet HTML 6Page - Motorola, Inc MRF183 Datasheet HTML 7Page - Motorola, Inc MRF183 Datasheet HTML 8Page - Motorola, Inc MRF183 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
MRF183 MRF183S
MOTOROLA RF DEVICE DATA
R3
4.7 M
Ω, 1/4 W Carbon
Z1
T–Line, 0.200
″ x 0.080″
Z2
T–Line, 0.570
″ x 0.120″
Z3
T–Line, 0.610
″ x 0.320″
Z4
T–Line, 0.160
″ x 0.320″ x 0.620″
Tapered Line
Z5
T–Line, 0.650
″ x 0.620″
Z6
T–Line, 0.020
″ x 0.620″
Z7
T–Line, 0.270
″ x 0.320″
Z8
T–Line, 0.130
″ x 0.320″
Z9
T–Line, 0.370
″ x 0.080″
Z10
T–Line, 1.050
″ x 0.080″
Z11
T–Line, 0.290
″ x 0.080″
Board
0.030
″ Glass Teflon, εr = 2.55
ARLON–GX–0300–55–22
B1
Short Ferrite Bead
B2
Long Ferrite Bead
C1
10
µF, 50 V Electrolytic Capacitor
C2, C14
0.1
µF Chip Capacitor
C3
1000 pF Chip Capacitor
C4, C13
47 pf Chip Capacitor
C5, C12
47 pF Chip Capacitor
C6, C11
0.8–8.0 pF Trim Capacitor
C7, C8
10 pF Chip Capacitor
C9, C10
10 pF Chip Capacitor
C15
100 pF Chip Capacitor
C16
250
µF, 50 V Electrolytic Capacitor
L1, L2
5 Turns, 24 AWG, ID 0.059
R1
120
Ω, 1/4 W Carbon
R2
18 k
Ω, 1/4 W Carbon
Figure 1. MRF183S Two Tone Test Circuit Schematic
R1
C5
RF
INPUT
RF
OUTPUT
VGG
VDD
C1
R3
R2
B1
C2
C3
C4
L1
Z5
Z4
Z3
C6
Z2
Z1
DUT
Z7
C10
C9
Z8
Z9
C11
Z10
C12
Z11
L2
C13
B2
C14
C15
C16
C7
C8
Z6
+
+


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn