Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF183 Datasheet(PDF) 2 Page - Motorola, Inc

Part No. MRF183
Description  LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF183 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF183 Datasheet HTML 1Page - Motorola, Inc MRF183 Datasheet HTML 2Page - Motorola, Inc MRF183 Datasheet HTML 3Page - Motorola, Inc MRF183 Datasheet HTML 4Page - Motorola, Inc MRF183 Datasheet HTML 5Page - Motorola, Inc MRF183 Datasheet HTML 6Page - Motorola, Inc MRF183 Datasheet HTML 7Page - Motorola, Inc MRF183 Datasheet HTML 8Page - Motorola, Inc MRF183 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MRF183 MRF183S
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 50 mAdc)
BVDSS
65
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 V, VGS = 0)
IDSS
1
µAdc
Gate–Source Leakage Current
(VGS = 20 V, VDS = 0)
IGSS
1
µAdc
ON CHARACTERISTICS
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 250 mAdc)
VGS(Q)
3
5
Vdc
Drain–Source On–Voltage
(VGS = 10 V, ID = 3 A)
VDS(on)
0.7
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 5 Adc)
gfs
2
S
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 28 V, VGS = 0, f = 1 MHz)
Ciss
82
pF
Output Capacitance
(VDS = 28 V, VGS = 0, f = 1 MHz)
Coss
38
pF
Reverse Transfer Capacitance
(VDS = 28 V, VGS = 0, f = 1 MHz)
Crss
4.5
pF
FUNCTIONAL TESTS (In Motorola Test Fixture)
(VDD = 28 Vdc, Pout = 45 Watts PEP, f1 = 945.0, f2 = 945.1 MHz, IDQ = 250 mA)
Two–Tone Common Source Amplifier Power Gain
Gps
11.5
13
dB
Two–Tone Drain Efficiency
η
33
36
%
3rd Order Intermodulation Distortion
IMD
–32
–28
dBc
Input Return Loss
IRL
9
14
dB
(VDD = 28 Vdc, Pout = 45 Watts PEP, f1 = 930.0, f2 = 930.1 MHz, and f1 = 960.0, f2 = 960.1 MHz, IDQ = 250 mA)
Two–Tone Common Source Amplifier Power Gain
Gps
13
dB
Two–Tone Drain Efficiency
η
35
%
3rd Order Intermodulation Distortion
IMD
–32
dBc
Input Return Loss
IRL
12
dB
Output Mismatch Stress
(VDD = 28 Vdc, Pout = 45 Watts CW, IDQ = 250 mA,
f = 945 MHz, VSWR 5:1 at All Phase Angles)
Ψ
No Degradation in Output Power
Before and After Test


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn