Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF183 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MRF183
Description  LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF183 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF183 Datasheet HTML 1Page - Motorola, Inc MRF183 Datasheet HTML 2Page - Motorola, Inc MRF183 Datasheet HTML 3Page - Motorola, Inc MRF183 Datasheet HTML 4Page - Motorola, Inc MRF183 Datasheet HTML 5Page - Motorola, Inc MRF183 Datasheet HTML 6Page - Motorola, Inc MRF183 Datasheet HTML 7Page - Motorola, Inc MRF183 Datasheet HTML 8Page - Motorola, Inc MRF183 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
MRF183 MRF183S
MOTOROLA RF DEVICE DATA
4000
3000
2000
0
01
3
5
6
VGS, GATE VOLTAGE (VOLTS)
60
800
880
900
1000
f, FREQUENCY (MHz)
TYPICAL CHARACTERISTICS
Figure 8. Output Power versus Frequency
Figure 9. Drain Current versus Gate Voltage
50
30
10
0
VDS = 28 Vdc
120
100
60
0
010
20
30
50
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Figure 10. Capacitance versus Voltage
VGS = 0 Vdc
f = 1.0 MHz
3
1
0
0
1020
3040
VDS, DRAIN VOLTAGE (VOLTS)
Figure 11. Class A Safe Operating Region
TJ = 175°C
80
10
20
30
55
Pin, INPUT POWER (dBm)
Figure 12. Class A Third Order Intercept Point
50
20
–40
TYPICAL DEVICE SHOWN
0.1 W
1.0 W
Pin = 2.0 W
VDD = 28 Vdc
IDQ = 75 mA
SINGLE TONE
840
980
940
960
40
20
24
3500
2500
1000
20
515
25
40
45
35
Ciss
Coss
Crss
515
25
4.5
2.5
0.5
4
2
3.5
1.5
15
25
35
45
60
30
–10
70
40
10
–30
0.5 W
500
1500
80
40
0
–20
860
820
920
35
TCASE = 70°C
TCASE = 100°C
ID = 3.67 A
40
50
60
FUNDAMENTAL
3rd ORDER
VDD = 26 Vdc
IDQ = 1.8 A
f1 = 945 MHz
f2 = 945.1 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn