Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF183 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MRF183
Description  LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF183 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF183 Datasheet HTML 1Page - Motorola, Inc MRF183 Datasheet HTML 2Page - Motorola, Inc MRF183 Datasheet HTML 3Page - Motorola, Inc MRF183 Datasheet HTML 4Page - Motorola, Inc MRF183 Datasheet HTML 5Page - Motorola, Inc MRF183 Datasheet HTML 6Page - Motorola, Inc MRF183 Datasheet HTML 7Page - Motorola, Inc MRF183 Datasheet HTML 8Page - Motorola, Inc MRF183 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MRF183 MRF183S
4
MOTOROLA RF DEVICE DATA
Pout, OUTPUT POWER (WATTS)
Pout, OUTPUT POWER (WATTS PEP)
–20
–30
–45
–50
0.1
1
10
100
–20
020
30
40
50
Pout, OUTPUT POWER (WATTS PEP)
TYPICAL CHARACTERISTICS
Figure 2. Intermodulation Distortion versus
Output Power
Figure 3. Intermodulation Distortion versus
Output Power
–30
–40
–50
–60
–70
5th
7th
VDD = 28 Vdc
IDQ = 250 mA
f1 = 945 MHz
f2 = 945.1 MHz
IDQ = 75 mA
150 mA
450 mA
16
14.5
13
1
10
100
Figure 4. Power Gain versus Output Power
50
20
0
0
1.5
3
Pin, INPUT POWER (WATTS)
Figure 5. Output Power versus Input Power
VDD = 28 Vdc
IDQ = 75 mA
f = 945 MHz
80
15
19
23
35
VDS, DRAIN VOLTAGE (VOLTS)
Figure 6. Output Power versus Drain Bias
Supply Voltage
60
40
0
50
0
0.5
1
5
VGS, GATE BIAS (VOLTS)
Figure 7. Output Power versus Gate Bias
Supply Voltage
30
10
0
2
3.5
Gpe
Pout
TYPICAL DEVICE SHOWN
VGS(th) TYPICAL = 3.13 V
3rd ORDER
10
VDD = 28 Vdc
f1 = 945 MHz
f2 = 945.1 MHz
250 mA
–25
–40
–35
285 mA
150 mA
VDD = 28 Vdc
f = 945 MHz
75 mA
15.5
40
10
30
60
0.5
2
3.5
16
12
15
10
14
1.0 W
2.0 W
Pin = 4.0 W
VDD = 28 Vdc
Pin = 1.5 W
f1 = 945 MHz
17
21
31
27
33
25
29
70
50
20
40
20
2.5
3
4
4.5
1.5
IDQ = 450 mA
–35
–45
–55
–65
–25
15
25
35
545
14
13.5
15
11
13
30
10
45
25
5
35
15
1
2.5
4
90
VDD = 28 Vdc
IDQ = 75 mA
f1 = 945 MHz
–55


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn