Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5501DT50G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV5501DT50G
Description  500 mA LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5501DT50G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV5501DT50G Datasheet HTML 3Page - ON Semiconductor NCV5501DT50G Datasheet HTML 4Page - ON Semiconductor NCV5501DT50G Datasheet HTML 5Page - ON Semiconductor NCV5501DT50G Datasheet HTML 6Page - ON Semiconductor NCV5501DT50G Datasheet HTML 7Page - ON Semiconductor NCV5501DT50G Datasheet HTML 8Page - ON Semiconductor NCV5501DT50G Datasheet HTML 9Page - ON Semiconductor NCV5501DT50G Datasheet HTML 10Page - ON Semiconductor NCV5501DT50G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NCP5500, NCV5500, NCP5501, NCV5501
http://onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 15. Ripple Rejection vs. Frequency
f, FREQUENCY (kHz)
100
10
1
0.1
0.01
0
10
20
30
40
50
70
90
60
80
Vin = 6 V,
DVin = 0.5 Vpp
500 mA
100 mA
1 mA
Vout(nom) = 1.5 V
Figure 16. Ripple Rejection vs. Frequency
f, FREQUENCY (kHz)
100
10
1
0.1
0.01
0
10
20
30
40
50
70
90
60
80
500 mA
100 mA
1 mA
Vout(nom) = 1.25 V (ADJ)
Iout, OUTPUT CURRENT (mA)
500
450
250
200
150
100
50
0
0
1
3
4
5
7
9
10
400
350
300
2
6
8
Unstable Region
Stable Region
Figure 17. Output Capacitor ESR Stability vs.
Output Current
Iout, OUTPUT CURRENT (mA)
500
450
250
200
150
100
50
0
0
1
3
4
5
7
9
10
400
350
300
2
6
8
Unstable Region
Stable Region
Figure 18. Output Capacitor ESR Stability vs.
Output Current
Figure 19. Output Capacitor ESR Stability vs.
Output Current
Cout = 1 mF to 10 mF
Vout(nom) = 5 V
Figure 20. Output Capacitor ESR Stability vs.
Output Current
Cout = 1 mF to 10 mF
Vout(nom) = 1.5 V
Iout, OUTPUT CURRENT (mA)
Cout = 1 mF to 10 mF
Vout(nom) = 3.3 V
Cout = 1 mF to 10 mF
Vout(nom) = 1.25 V (ADJ)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
50
100 150 200 250 300 350 400 450 500
500
450
250
200
150
100
50
0
400
350
300
0
1
2
3
4
5
6
7
8
9
10
0
50
100 150 200 250 300 350 400 450 500
Iout, OUTPUT CURRENT (mA)
Unstable Region
Stable Region
Unstable Region
Stable Region
Vin = 6 V,
DVin = 0.5 Vpp
NOTE: Typical characteristics were measured with the same conditions as electrical characteristics, unless otherwise noted.


Similar Part No. - NCV5501DT50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5501DT15G ONSEMI-NCV5501DT15G Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
NCV5501DT15RKG ONSEMI-NCV5501DT15RKG Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
More results

Similar Description - NCV5501DT50G

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com