Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5501DT50RKG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV5501DT50RKG
Description  500 mA LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5501DT50RKG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV5501DT50RKG Datasheet HTML 1Page - ON Semiconductor NCV5501DT50RKG Datasheet HTML 2Page - ON Semiconductor NCV5501DT50RKG Datasheet HTML 3Page - ON Semiconductor NCV5501DT50RKG Datasheet HTML 4Page - ON Semiconductor NCV5501DT50RKG Datasheet HTML 5Page - ON Semiconductor NCV5501DT50RKG Datasheet HTML 6Page - ON Semiconductor NCV5501DT50RKG Datasheet HTML 7Page - ON Semiconductor NCV5501DT50RKG Datasheet HTML 8Page - ON Semiconductor NCV5501DT50RKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP5500, NCV5500, NCP5501, NCV5501
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Ambient
Temperature
TA, AMBIENT TEMPERATURE (C)
120
80
40
0
−40
4.75
4.80
4.85
4.95
5.05
5.10
5.15
5.25
4.90
5.00
5.20
Vin = 13.2 V
RL = 1 kW
Figure 4. Output Voltage vs. Ambient
Temperature
Figure 5. Output Voltage vs. Ambient
Temperature
TA, AMBIENT TEMPERATURE (C)
120
80
40
0
−40
1.42
1.44
1.46
1.48
1.50
1.54
1.56
1.58
1.52
Vin = 13.2 V
RL = 1 kW
Figure 6. Output Voltage vs. Ambient
Temperature
Vout(nom) = 5 V
Vout(nom) = 1.5 V
Figure 7. Dropout Voltage vs. Output Current
Iout, OUTPUT CURRENT (mA)
600
500
400
300
200
100
0
0
100
200
300
400
500
TA = −40C
TA = 25C
TA = 125C
Vout(nom) = 5 V
Figure 8. Dropout Voltage vs. Output Current
3.15
3.18
3.21
3.24
3.27
3.30
3.33
3.36
3.39
3.42
3.45
−40
0
40
80
120
TA, AMBIENT TEMPERATURE (C)
Vin = 13.2 V
RL = 1 kW
Vout(nom) = 3.3 V
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.30
−40
0
40
80
120
TA, AMBIENT TEMPERATURE (C)
Vout(nom) = 1.25 V (ADJ)
Vin = 13.2 V
RL = 1 kW
0
50
100
150
200
250
300
350
400
450
500
Iout, OUTPUT CURRENT (mA)
TA = 125C
TA = 25C
TA = −40C
Vout(nom) = 3.3 V
600
500
400
300
200
100
0


Similar Part No. - NCV5501DT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5501DT15G ONSEMI-NCV5501DT15G Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
NCV5501DT15RKG ONSEMI-NCV5501DT15RKG Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
More results

Similar Description - NCV5501DT50RKG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com