Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5500DT50RKG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5500DT50RKG
Description  500 mA LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5500DT50RKG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5500DT50RKG Datasheet HTML 5Page - ON Semiconductor NCP5500DT50RKG Datasheet HTML 6Page - ON Semiconductor NCP5500DT50RKG Datasheet HTML 7Page - ON Semiconductor NCP5500DT50RKG Datasheet HTML 8Page - ON Semiconductor NCP5500DT50RKG Datasheet HTML 9Page - ON Semiconductor NCP5500DT50RKG Datasheet HTML 10Page - ON Semiconductor NCP5500DT50RKG Datasheet HTML 11Page - ON Semiconductor NCP5500DT50RKG Datasheet HTML 12Page - ON Semiconductor NCP5500DT50RKG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP5500, NCV5500, NCP5501, NCV5501
http://onsemi.com
10
ORDERING INFORMATION
Device
Nominal Output Voltage*
Package
Marking
Package
Shipping
NCP5500DT15RKG
1.5
P5500LG
DPAK 5
(Pb−Free)
2500 / Tape & Reel
NCV5500DT15RKG**
V5500LG
DPAK 5
(Pb−Free)
2500 / Tape & Reel
NCP5501DT15RKG
P5501LG
DPAK 3
(Pb−Free)
2500 / Tape & Reel
NCV5501DT15RKG**
V5501LG
DPAK 3
(Pb−Free)
2500 / Tape & Reel
NCP5501DT15G
P5501LG
DPAK 3
(Pb−Free)
75 Units / Rail
NCV5501DT15G**
V5501LG
DPAK 3
(Pb−Free)
75 Units / Rail
NCP5500DT33RKG
3.3
P5500TG
DPAK 5
(Pb−Free)
2500 / Tape & Reel
NCV5500DT33RKG**
V5500TG
DPAK 5
(Pb−Free)
2500 / Tape & Reel
NCP5501DT33RKG
P5501TG
DPAK 3
(Pb−Free)
2500 / Tape & Reel
NCV5501DT33RKG**
V5501TG
DPAK 3
(Pb−Free)
2500 / Tape & Reel
NCP5501DT33G
P5501TG
DPAK 3
(Pb−Free)
75 Units / Rail
NCV5501DT33G**
V5501TG
DPAK 3
(Pb−Free)
75 Units / Rail
NCP5500DT50RKG
5.0
P5500UG
DPAK 5
(Pb−Free)
2500 / Tape & Reel
NCV5500DT50RKG**
V5500UG
DPAK 5
(Pb−Free)
2500 / Tape & Reel
NCP5501DT50RKG
P5501UG
DPAK 3
(Pb−Free)
2500 / Tape & Reel
NCV5501DT50RKG**
V5501UG
DPAK 3
(Pb−Free)
2500 / Tape & Reel
NCP5501DT50G
P5501UG
DPAK 3
(Pb−Free)
75 Units / Rail
NCV5501DT50G**
V5501UG
DPAK 3
(Pb−Free)
75 Units / Rail
NCP5500DTADJRKG
Adjustable
P5500WG
DPAK 5
(Pb−Free)
2500 / Tape & Reel
NCV5500DTADJRKG**
V5500WG
DPAK 5
(Pb−Free)
2500 / Tape & Reel
NCP5500DADJR2G
Adjustable
5500B
SO−8
(Pb−Free)
2500 / Tape & Reel
NCV5500DADJR2G**
Adjustable
5500A
SO−8
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*Contact ON Semiconductor for other fixed voltages.
**NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable


Similar Part No. - NCP5500DT50RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5500DT50RKG ONSEMI-NCP5500DT50RKG Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
More results

Similar Description - NCP5500DT50RKG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com