Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7805ABD2TR4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV7805ABD2TR4G
Description  1.0 A Positive Voltage Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7805ABD2TR4G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV7805ABD2TR4G Datasheet HTML 1Page - ON Semiconductor NCV7805ABD2TR4G Datasheet HTML 2Page - ON Semiconductor NCV7805ABD2TR4G Datasheet HTML 3Page - ON Semiconductor NCV7805ABD2TR4G Datasheet HTML 4Page - ON Semiconductor NCV7805ABD2TR4G Datasheet HTML 5Page - ON Semiconductor NCV7805ABD2TR4G Datasheet HTML 6Page - ON Semiconductor NCV7805ABD2TR4G Datasheet HTML 7Page - ON Semiconductor NCV7805ABD2TR4G Datasheet HTML 8Page - ON Semiconductor NCV7805ABD2TR4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (Vin = 11 V, IO = 500 mA, TJ = Tlow to 125C (Note 5), unless otherwise noted)
Characteristic
Symbol
MC7806B/NCV7806B
MC7806C
Unit
Min
Typ
Max
Min
Typ
Max
Output Voltage (TJ = 25C)
VO
5.75
6.0
6.25
5.75
6.0
6.25
Vdc
Output Voltage (5.0 mA  IO  1.0 A, PD  15 W)
8.0 Vdc  Vin  21 Vdc
9.0 Vdc  Vin  21 Vdc
VO
5.7
6.0
6.3
5.7
6.0
6.3
Vdc
Line Regulation, TJ = 25C (Note 6)
8.0 Vdc  Vin  25 Vdc
9.0 Vdc  Vin  13 Vdc
Regline
5.5
1.4
120
60
0.5
0.8
24
12
mV
Load Regulation, TJ = 25C (Note 6)
5.0 mA  IO  1.5 A
Regload
1.3
120
1.3
30
mV
Quiescent Current (TJ = 25C)
IB
3.3
8.0
3.3
8.0
mA
Quiescent Current Change
8.0 Vdc  Vin  25 Vdc
5.0 mA  IO  1.0 A
DIB
0.5
0.3
0.08
1.3
0.5
mA
Ripple Rejection
9.0 Vdc  Vin  19 Vdc, f = 120 Hz
RR
65
58
65
dB
Dropout Voltage (IO = 1.0 A, TJ = 25C)
VI − VO
2.0
2.0
Vdc
Output Noise Voltage (TA = 25C)
10 Hz  f  100 kHz
Vn
10
10
mV/VO
Output Resistance f = 1.0 kHz
rO
0.9
0.9
mW
Short Circuit Current Limit (TA = 25C)
Vin = 35 Vdc
ISC
0.2
0.2
A
Peak Output Current (TJ = 25C)
Imax
2.2
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−0.3
−0.3
mV/C
5. Tlow =0C for MC78XXC, MC78XXAC,
= *40C for NCV78XX, MC78XXB, MC78XXAB, and MC78XXAEB
6. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Similar Part No. - NCV7805ABD2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7805ABD2TR4G ONSEMI-NCV7805ABD2TR4G Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
NCV7805ABD2TR4G ONSEMI-NCV7805ABD2TR4G Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results

Similar Description - NCV7805ABD2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com