Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP561SN25T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP561SN25T1
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP561SN25T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP561SN25T1 Datasheet HTML 1Page - ON Semiconductor NCP561SN25T1 Datasheet HTML 2Page - ON Semiconductor NCP561SN25T1 Datasheet HTML 3Page - ON Semiconductor NCP561SN25T1 Datasheet HTML 4Page - ON Semiconductor NCP561SN25T1 Datasheet HTML 5Page - ON Semiconductor NCP561SN25T1 Datasheet HTML 6Page - ON Semiconductor NCP561SN25T1 Datasheet HTML 7Page - ON Semiconductor NCP561SN25T1 Datasheet HTML 8Page - ON Semiconductor NCP561SN25T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP561
http://onsemi.com
4
TYPICAL CHARACTERISTICS
TEMPERATURE (C
°)
0
20
40
60
80
100
120
140
160
180
-50
-25
0
25
50
75
100
125
TEMPERATURE (C
°)
2.975
2.980
2.985
2.990
2.995
3.000
3.005
3.010
3.015
-50
0
50
100
Figure 2. Dropout Voltage vs. Temperature
Figure 3. Output Voltages vs. Temperature
VOUT = 3.0 V
150 mA Load
100 mA Load
50 mA Load
IOUT = 10 mA
VIN = 6.0 V
VIN = 4.0 V
TEMPERATURE (C
°)
3.00
3.25
3.50
3.75
4.00
4.25
4.50
-50
0
50
IOUT = 10 mA
VIN = 4.0 V
Figure 4. Quiescent Current vs. Temperature
100
TEMPERATURE (C
°)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
05
VOUT = 3.0 V
IOUT = 0 mA
TA = 25°C
Figure 5. Quiescent Current vs. Input Voltage
123
4
6
1.5
2.0
2.5
3.0
3.5
4.0
4.5
05
VOUT = 3.0 V
IOUT = 50 mA
TA = 25°C
123
4
6
Figure 6. Ground Current vs. Input Voltage
VIN, INPUT VOLTAGE (V)
5.0
NOISE CHARACTERIZATION
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
100
1 k
10 k
100 k
1000 k
Figure 7. Output Noise Voltage
1.0 mA
150 mA
4.75


Similar Part No. - NCP561SN25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN25T1 ONSEMI-NCP561SN25T1 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP561SN25T1G ONSEMI-NCP561SN25T1G Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
More results

Similar Description - NCP561SN25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com