Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP561SN18T1 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP561SN18T1
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP561SN18T1 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP561SN18T1 Datasheet HTML 2Page - ON Semiconductor NCP561SN18T1 Datasheet HTML 3Page - ON Semiconductor NCP561SN18T1 Datasheet HTML 4Page - ON Semiconductor NCP561SN18T1 Datasheet HTML 5Page - ON Semiconductor NCP561SN18T1 Datasheet HTML 6Page - ON Semiconductor NCP561SN18T1 Datasheet HTML 7Page - ON Semiconductor NCP561SN18T1 Datasheet HTML 8Page - ON Semiconductor NCP561SN18T1 Datasheet HTML 9Page - ON Semiconductor NCP561SN18T1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCP561
http://onsemi.com
9
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
NCP561SN15T1
1.5
LDA
TSOP-5
3000 / 7
″ Tape & Reel
NCP561SN15T1G
1.5
LDA
TSOP-5
(Pb-Free)
NCP561SN18T1
1.8
LEV
TSOP-5
NCP561SN18T1G
1.8
LEV
TSOP-5
(Pb-Free)
NCP561SN25T1
2.5
LDC
TSOP-5
NCP561SN25T1G
2.5
LDC
TSOP-5
(Pb-Free)
NCP561SN27T1
2.7
LEX
TSOP-5
NCP561SN27T1G
2.7
LEX
TSOP-5
(Pb-Free)
NCP561SN28T1
2.8
LDD
TSOP-5
NCP561SN28T1G
2.8
LDD
TSOP-5
(Pb-Free)
NCP561SN30T1
3.0
LDE
TSOP-5
NCP561SN30T1G
3.0
LDE
TSOP-5
(Pb-Free)
NCP561SN33T1
3.3
LDF
TSOP-5
NCP561SN33T1G
3.3
LDF
TSOP-5
(Pb-Free)
NCP561SN50T1
5.0
LDH
TSOP-5
NCP561SN50T1G
5.0
LDH
TSOP-5
(Pb-Free)
NOTE:
Additional voltages are available upon request by contacting your ON Semiconductor representative.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP561SN18T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN18T1 ONSEMI-NCP561SN18T1 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
More results

Similar Description - NCP561SN18T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP511 ONSEMI-NCP511 Datasheet
85Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2004 ??Rev. 9
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com