Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC34063AD Datasheet(PDF) 12 Page - ON Semiconductor

Part No. MC34063AD
Description  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34063AD Datasheet(HTML) 12 Page - ON Semiconductor

Back Button MC34063AD Datasheet HTML 7Page - ON Semiconductor MC34063AD Datasheet HTML 8Page - ON Semiconductor MC34063AD Datasheet HTML 9Page - ON Semiconductor MC34063AD Datasheet HTML 10Page - ON Semiconductor MC34063AD Datasheet HTML 11Page - ON Semiconductor MC34063AD Datasheet HTML 12Page - ON Semiconductor MC34063AD Datasheet HTML 13Page - ON Semiconductor MC34063AD Datasheet HTML 14Page - ON Semiconductor MC34063AD Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MC34063A, MC33063A, SC34063A, SC33063A, NCV33063A
http://onsemi.com
12
ORDERING INFORMATION
Device
Package
Shipping
MC33063AD
SOIC−8
98 Units / Rail
MC33063ADG
SOIC−8
(Pb−Free)
98 Units / Rail
MC33063ADR2
SOIC−8
2500 Units / Tape & Reel
MC33063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
SC33063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
MC33063AP1
PDIP−8
50 Units / Rail
MC33063AP1G
PDIP−8
(Pb−Free)
50 Units / Rail
MC33063AVD
SOIC−8
98 Units / Rail
MC33063AVDG
SOIC−8
(Pb−Free)
98 Units / Rail
MC33063AVDR2
SOIC−8
2500 Units / Tape & Reel
MC33063AVDR2G
SOIC−8
(Pb−Free)
NCV33063AVDR2*
SOIC−8
NCV33063AVDR2G*
SOIC−8
(Pb−Free)
MC33063AVP
PDIP−8
50 Units / Rail
MC33063AVPG
PDIP−8
(Pb−Free)
50 Units / Rail
MC34063AD
SOIC−8
98 Units / Rail
MC34063ADG
SOIC−8
(Pb−Free)
98 Units / Rail
MC34063ADR2
SOIC−8
2500 Units / Tape & Reel
MC34063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
SC34063ADR2G
SOIC−8
(Pb−Free)
2500 Units / Tape & Reel
MC34063AP1
PDIP−8
50 Units / Rail
MC34063AP1G
PDIP−8
(Pb−Free)
50 Units / Rail
SC34063AP1G
PDIP−8
(Pb−Free)
50 Units / Rail
MC33063MNTXG
DFN8
(Pb−Free)
4000 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
*NCV33063A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.


Similar Part No. - MC34063AD

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
MC34063AD ONSEMI-MC34063AD Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
Fairchild Semiconductor
Fairchild Semiconductor
MC34063AD FAIRCHILD-MC34063AD Datasheet
46Kb / 8P
   SMPS Controller
ON Semiconductor
ON Semiconductor
MC34063AD ONSEMI-MC34063AD Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063AD ONSEMI-MC34063AD Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
More results

Similar Description - MC34063AD

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz