Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT14ADG Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC74HCT14ADG
Description  Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT14ADG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HCT14ADG Datasheet HTML 1Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 2Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 3Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 4Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 5Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 6Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 7Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 8Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74HCT14A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Temperature Limit
VCC *55_C to 25_C
v85_C
v125_C
Symbol
Parameter
Test Conditions
Volts
Min
Max
Min
Max
Min
Max
Unit
VT)max Maximum Positive−Going
Input Threshold Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
1.9
2.1
1.9
2.1
1.9
2.1
V
VT)min
Minimum Positive−Going
Input Threshold Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
1.2
1.4
1.2
1.4
1.2
1.4
V
VT*max Maximum Negative−Going
Input Threshold Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
1.2
1.4
1.2
1.4
1.2
1.4
VT*min
Minimum Negative−Going
Input Threshold Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
0.5
0.6
0.5
0.6
0.5
0.6
VH max
Maximum Hysteresis
Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
1.4
1.5
1.4
1.5
1.4
1.5
VH min
Minimum Hysteresis
Voltage
VO = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
4.5
5.5
0.4
0.4
0.4
0.4
0.4
0 4
VOH
Minimum High−Level
Output Voltage
VI < VT*min
|Iout| v 20 mA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
V
VI < VT*min
|Iout| v 4.0 mA
4.5
3.98
3.84
3.7
VOL
Maximum Low−Level
Output Voltage
VI ≥ VT)max
|Iout| v 20 mA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
V
VI ≥ VT)max
|Iout| v 4.0 mA
4.5
0.26
0.33
0.4
IIK
Maximum Input
Leakage Current
VI = VCC or GND
5.5
$0.1
$1.0
$1.0
mA
ICC
Maximum Quiescent
Supply Current
(per package)
VI = VCC or GND
Iout = 0 mA
5.5
1.0
10
40
mA
w*55_C
25_C to 125_C
DICC
Additional Quiescent
Supply Current
VI = 2.4 V, Any One Input
VI = VCC or GND, Other Inputs
lout = 0 mA
5.5
2.9
2.4
mA
AC CHARACTERISTICS (CL = 50 pF; Input tr = tf = 6.0 ns)
Guaranteed Limit
*55_C to 25_C
v85_C
v125_C
Symbol
Parameter
Test Conditions
Figures
Min
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay, Input A to Output
Y (L to H)
VCC = 5.0 V $ 10%
CL = 50 pF, Input tr = tf = 6.0 ns
1 & 2
32
40
48
ns
tTLH,
tTHL
Maximum Output
Transition Time, Any
Output
VCC = 5.0 V $ 10%
CL = 50 pF, Input tr = tf = 6.0 ns
1 & 2
15
19
22
ns
Typical @ 25°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance, per Inverter (Note 7)
32
pF
7. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.


Similar Part No. - MC74HCT14ADG

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
83Kb / 6P
   Hex Schmitt-Trigger Inverter
October, 2014 ??Rev. 14
More results

Similar Description - MC74HCT14ADG

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
Fairchild Semiconductor
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
ON Semiconductor
ON Semiconductor
74HCT14 ONSEMI-74HCT14 Datasheet
130Kb / 8P
   Hex Schmitt?뭈rigger Inverter with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
Fairchild Semiconductor
Fairchild Semiconductor
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
   Hex Inverter with Schmitt Trigger Inputs
National Semiconductor (TI)
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
DM5414 NSC-DM5414 Datasheet
95Kb / 4P
   Hex Inverter with Schmitt Trigger Inputs
ON Semiconductor
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
Leshan Radio Company
Leshan Radio Company
L74VHC1GT14 LRC-L74VHC1GT14 Datasheet
332Kb / 6P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
E-Tech Electronics LTD
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
ON Semiconductor
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz