Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74HCT14ADG Datasheet(PDF) 7 Page - ON Semiconductor

Part No. MC74HCT14ADG
Description  Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT14ADG Datasheet(HTML) 7 Page - ON Semiconductor

  MC74HCT14ADG Datasheet HTML 1Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 2Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 3Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 4Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 5Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 6Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 7Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 8Page - ON Semiconductor MC74HCT14ADG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC74HCT14A
http://onsemi.com
7
PACKAGE DIMENSIONS
SOIC−14
D SUFFIX
CASE 751A−03
ISSUE J
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
_
_
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
7X


Similar Part No. - MC74HCT14ADG

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
83Kb / 6P
   Hex Schmitt-Trigger Inverter
October, 2014 ??Rev. 14
More results

Similar Description - MC74HCT14ADG

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
Fairchild Semiconductor
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
ON Semiconductor
ON Semiconductor
74HCT14 ONSEMI-74HCT14 Datasheet
130Kb / 8P
   Hex Schmitt?뭈rigger Inverter with LSTTL Compatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
Fairchild Semiconductor
Fairchild Semiconductor
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
   Hex Inverter with Schmitt Trigger Inputs
National Semiconductor (TI)
National Semiconductor ...
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
   Hex Inverter with Schmitt Trigger Inputs
DM5414 NSC-DM5414 Datasheet
95Kb / 4P
   Hex Inverter with Schmitt Trigger Inputs
ON Semiconductor
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
Leshan Radio Company
Leshan Radio Company
L74VHC1GT14 LRC-L74VHC1GT14 Datasheet
332Kb / 6P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
E-Tech Electronics LTD
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
ON Semiconductor
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz