Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW-2-06-F-T-345-149 Datasheet(PDF) 1 Page - Samtec, Inc

Part # TW-2-06-F-T-345-149
Description  THROUGH-HOLE BOARD STACKERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TW-2-06-F-T-345-149 Datasheet(HTML) 1 Page - Samtec, Inc

  TW-2-06-F-T-345-149 Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,00 mm) .0787"
TW SERIES
Choice of
one through
six rows
Specify stacker
height in (0,13 mm)
.005" increments
(2,00 mm)
.0787 pitch
TW–20–03–T–Q–400–085
TW–08–09–F–T–250–100
TW–16–06–L–D–500–100
WWW.SAMTEC.COM
Mates with:
CLT, SQT, SQW, ESQT,
TLE, SMM, MMS, TCSD
–S
= Single
Row
–D
= Double
Row
–T
= Triple
Row
–Q
= Four
Row
–5
= Five
Row
–6
= Six
Row
–“XXX”
= Stacker
Height
in inches
(0,13 mm)
.005"
increments
Example: –250
= (6,35 mm)
.250"
TAIL
SPEC
PLATING
OPTION
STACKER
HEIGHT
TW
ROW
OPTION
NO. PINS
PER ROW
LEAD
STYLE
02 thru 50
Specify
LEAD
STYLE
from
chart
below.
–“XXX”
= Tail Length
in inches
(0,13 mm) .005"
increments
Example: -150
= (3,81 mm)
.150"
–“XXX”
= Polarized
Position
(Specify
position to
be removed)
For complete specifications
see www.samtec.com?TW-TH
Insulator Material:
Black Liquid
Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Sn or Au over
50µ" (1,27 µm) Ni
Current Rating:
3A per contact @ 80°C ambient
Operating Temp Range:
-55°C to +105°C with Tin;
-55°C to +125°C with Gold
RoHS Compliant:
Yes
Lead–Free Solderable:
Yes
Also Available
Right
Angle
See TMM Series.
Shrouded
Double
Row
See ZLTMM
Series.
2 mm Shunt
See 2SN Series.
ALSO AVAILABLE
Paste In Hole (PIH) processing.
Contact Samtec ASP Group.
F-213-1
Surface
Mount
See previous page.
Low
Profile
See TMM Series.
–S, –D*, –Q
–T, –5, –6
–S, –D*, –Q
–T, –5, –6
*–D with stacker height greater than (4,06mm) .160"
will not have standoffs.
(2,00) .0787
(0,51) .020 SQ
OAL
(1,27)
.050
MIN
POST
TAIL
(0,00) .000 MIN
STACKER
HEIGHT
See
Chart
04
300
01
295
(2,00)
.0787
TYP
No. of
rows
x
(2,00)
.0787
TM
SPECIFICATIONS
Note: Other Gold
plating options
available.
Contact Samtec.
THROUGH-HOLE BOARD STACKERS
–F
= Gold flash
on post,
Matte Tin on tail
–L
= 10µ" (0,25 µm)
Gold on post,
Matte Tin on tail
–T
= Matte Tin
*Style –08 & –12 = S & D only
LEAD
STYLE
OAL
–01
(8,20) .323
–02
(9,60) .377
–03
(13,60) .535
–04
(14,10) .555
–05
(15,10) .594
–06
(17,10) .673
–07
(19,10) .751
–08
(21,10) .830
–09
(11,60) .456
–10
(15,60) .614
–11
(10,08) .397
–12
(28,19) 1.110
*
*
ROW OPTION
STACKER HEIGHT
–S, –D*, & –Q
(3,05) .120 MIN
–T, –5, –6
(4,06) .160 MIN
Note: This Series is
non-standard, non-returnable.
Note: For added mechanical
stability, Samtec recommends
mechanical board spacers be
used in applications with gold or
selective gold plated connectors.
Contact ipg@samtec.com for
more information.


Similar Part No. - TW-2-06-F-T-345-149

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TW-204 SYNERGY-TW-204 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TW-205 SYNERGY-TW-205 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TW-206 SYNERGY-TW-206 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TW-207 SYNERGY-TW-207 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
TW-208 SYNERGY-TW-208 Datasheet
63Kb / 5P
   TRRANSSFFORRMEERRS
More results

Similar Description - TW-2-06-F-T-345-149

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TW-08-03-L-D-250-120 SAMTEC-TW-08-03-L-D-250-120 Datasheet
363Kb / 1P
   THROUGH-HOLE BOARD STACKERS
FWJ-04-04-T-S SAMTEC-FWJ-04-04-T-S Datasheet
497Kb / 1P
   POWER HEADERS BOARD STACKERS
ZW-01-09-L-S-545-090 SAMTEC-ZW-01-09-L-S-545-090 Datasheet
164Kb / 1P
   FLEXIBLE .025 SQ BOARD STACKERS
ZW-50-10-T-S-450-190 SAMTEC-ZW-50-10-T-S-450-190 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-50-11-T-D-550-150 SAMTEC-ZW-50-11-T-D-550-150 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
DW-01-17-T-S-200 SAMTEC-DW-01-17-T-S-200 Datasheet
164Kb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-05-13-G-S-370-430 SAMTEC-ZW-05-13-G-S-370-430 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-25-10-F-D-551-144 SAMTEC-ZW-25-10-F-D-551-144 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
logo
CTS Corporation
206-208 CTS-206-208 Datasheet
336Kb / 4P
   Multifunctional Through Hole Through Hole
logo
HOKURIKU ELECTRIC INDUS...
E401201 HOKURIKU-E401201 Datasheet
74Kb / 2P
   Double Sided (Silver / Copper) Polymer Through Hole Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com