Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1050-33CT Datasheet(PDF) 1 Page - International Rectifier

Part # IRU1050-33CT
Description  5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1050-33CT Datasheet(HTML) 1 Page - International Rectifier

  IRU1050-33CT Datasheet HTML 1Page - International Rectifier IRU1050-33CT Datasheet HTML 2Page - International Rectifier IRU1050-33CT Datasheet HTML 3Page - International Rectifier IRU1050-33CT Datasheet HTML 4Page - International Rectifier IRU1050-33CT Datasheet HTML 5Page - International Rectifier IRU1050-33CT Datasheet HTML 6Page - International Rectifier IRU1050-33CT Datasheet HTML 7Page - International Rectifier IRU1050-33CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRU1050-33
1
Rev. 1.4
08/01/02
www.irf.com
5A LOW DROPOUT POSITIVE
FIXED 3.3V REGULATOR
TYPICAL APPLICATION
DESCRIPTION
The IRU1050-33 is a low dropout three-terminal fixed 3.3V
output regulator with minimum of 5A output current ca-
pability. This product is specifically designed to provide
well regulated supply for low voltage IC applications re-
quiring 3.3V output. The IRU1050-33 is guaranteed to
have <1.3V dropout at full load current making it ideal to
provide well regulated output with supply voltage as low
as 4.6V input.
TJ (°C)
3-PIN PLASTIC
3-PIN PLASTIC
2-PIN PLASTIC
2-PIN PLASTIC
T0-220 (T)
TO-263 (M)
Ultra Thin-PakTM (P)
TO-252 (D-Pak)
0 To 150
IRU1050-33CT
IRU1050-33CM
IRU1050-33CP
IRU1050-33CD
Figure 1 - Typical application of IRU1050-33.
Data Sheet No. PD94127
PACKAGE ORDER INFORMATION
Guaranteed < 1.3V Dropout at Full Load Current
Fast Transient Response
1% Voltage Reference Initial Accuracy
Output Current Limiting
Built-In Thermal Shutdown
FEATURES
APPLICATIONS
Standard 3.3V Chip Set and Logic Applications
5V
3.3V / 5A
C1
330uF
C2
330uF
IRU1050-33
1
2
3
VOUT
Gnd
VIN


Similar Part No. - IRU1050-33CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results

Similar Description - IRU1050-33CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1050-33 IRF-IRU1050-33 Datasheet
85Kb / 4P
    5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1050-33CD IRF-IRU1050-33CD Datasheet
58Kb / 8P
   5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
International Rectifier
IRU1030-33 IRF-IRU1030-33 Datasheet
77Kb / 4P
    3A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1117-33 IRF-IRU1117-33 Datasheet
64Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33 IRF-IRU1015-33 Datasheet
85Kb / 4P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com