Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLMS6802TRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLMS6802TRPBF
Description  Ultra Low On-Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS6802TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLMS6802TRPBF Datasheet HTML 1Page - International Rectifier IRLMS6802TRPBF Datasheet HTML 2Page - International Rectifier IRLMS6802TRPBF Datasheet HTML 3Page - International Rectifier IRLMS6802TRPBF Datasheet HTML 4Page - International Rectifier IRLMS6802TRPBF Datasheet HTML 5Page - International Rectifier IRLMS6802TRPBF Datasheet HTML 6Page - International Rectifier IRLMS6802TRPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-5.6
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-4.5
A
IDM
Pulsed Drain Current

-45
PD @TA = 25°C
Power Dissipation
2.0
PD @TA = 70°C
Power Dissipation
1.3
Linear Derating Factor
0.016
W/°C
EAS
Single Pulse Avalanche Energy
„
31
mJ
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
1/18/05
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
IRLMS6802PbF
HEXFET® Power MOSFET
These P-Channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit
provides the designer with an extremely efficient device for
use in battery and load management applications.
The Micro6
™ package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on) 60%
less than a similar size SOT-23. This package is ideal for
applications where printed circuit board space is at a
premium. The unique thermal design and RDS(on) reduction
enables a current-handling increase of nearly 300%
compared to the SOT-23.
VDSS = -20V
RDS(on) = 0.050Ω
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Lead-Free
Top View
1
2
D
G
A
D
D
D
S
3
4
5
6
Micro6
ä
PD- 94897


Similar Part No. - IRLMS6802TRPBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRLMS6802TRPBF VBSEMI-IRLMS6802TRPBF Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - IRLMS6802TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com