Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA7535013TR Datasheet(PDF) 8 Page - STMicroelectronics

Part No. TDA7535013TR
Description  Delta/sigma cascade 20 bit stereo DAC
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

TDA7535013TR Datasheet(HTML) 8 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
I2S interface
TDA7535
8/12
Figure 5.
Power up and reset sequence
Figure 6.
Frequency response
tsckr
SCK rise time
22
ns
tsckf
SCK fall time
20
ns
1.
SCK clock defines the Fs, being the Sample Rate. This input clock needs a jitter below ~212psRMS.
2.
FSYNC switches inside the time window as specified w.r.t. to falling edge of SCK.
Table 10.
Timing characteristics (continued)
Timing
Description
Min.
Max.
Unit
TRES
TRES
Min 50ms
VDD
RESET
D02AU1418
Obsolete
Product(s)
- Obsolete
Product(s)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn